Electronic Components Datasheet Search
  English  ▼

X  

MAX3760ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3760ESA
Description  622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3760ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX3760ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
The MAX3760 minimizes pulse-width distortion for data
sequences exhibiting a 50% duty cycle. A duty cycle
significantly different from 50% will cause the MAX3760
to generate pulse-width distortion.
DC cancellation current is drawn from the input and
creates noise. This is not a problem for low-level signals
with little or no DC component. Preamplifier noise
increases for signals with significant DC component
(see
Typical Operating Characteristics).
The MAX3760 operates with the photodetector cathode
connected to VCC, as shown in the Typical Application
Circuit. Connecting the photodetector anode to GND
and the cathode to IN defeats the DC cancellation cir-
cuit and causes pulse-width distortion.
Input Reference
INREF is the reference point for IN. Connect it as close
as possible to the photodetector diode’s AC ground. The
photodetector’s AC ground is usually the ground of the
photodetector’s filter capacitor. The total length from
INREF, through the filter capacitor and the diode, and
back to the input should be no more than 2cm.
Applications Information
Optical Power Definitions
Many of the MAX3760’s specifications relate to the
input signal amplitude. When working with fiber optic
receivers, the optical input is usually expressed in
terms of average optical power and extinction ratio.
Use the relations given in Table 1 to convert optical
power to input signal when designing with the
MAX3760.
Calculating Sensitivity,
Overload, and Linear Range
Sensitivity Calculation
The MAX3760’s input-referred RMS noise current (in)
generally dominates the receiver sensitivity. In a system
where the bit error rate (BER) is 1E - 10, the signal-to-
noise ratio must always exceed 12.7. The sensitivity,
expressed in average power, can be estimated as:
Where
ρ is the photodiode responsivity in A/W.
Input Overload
The overload is the largest input that the MAX3760
accepts while meeting specifications. It is calculated
as:
Linear Range
The MAX3760 has high gain, which limits the output
when the input signal exceeds 20µAp-p. It operates
with 90% linearity for inputs not exceeding the follow-
ing:
10log
20 A r
1
r
- 1
1000 dBm
e
e
µ
ρ
+
(
)
(
)
Overload = 10log
1mA
2
ρ
1000


dBm
Sensitivity = 10log
12.7i r + 1
2 r - 1
n e
e
(
)
(
)
ρ
1000 dBm
622Mbps, Low-Noise Transimpedance
Preamplifier for LAN and WAN Optical Receivers
6
_______________________________________________________________________________________
P1
OPTICAL
POWER
PAVE
P0
TIME
Figure 2. Optical Power Definitions
SYMBOL
RELATION
Average
Power
PAVE
Extinction
Ratio
re
PARAMETER
Optical Power
of a “1”
P1
Optical Power
of a “0”
P0
Signal
Amplitude
PIN
Table 1. Optical Power Relations
Note:
Assuming a 50% average input duty cycle.
P
= P0 + P1
AVE
(
) / 2
r =
1 / P0
e
P
P1
2P
r
(r
1)
AVE
e
e
=
+
P
P
r
AVE
e
0
2
1
/
=
+
(
)
P
P1 - P0
2P
r
- 1
(r
1)
IN
AVE
e
e
=
=
(
)
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com