Electronic Components Datasheet Search
  English  ▼

X  

MAX3760ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3760ESA
Description  622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3760ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3760ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Detailed Description
The MAX3760 is a transimpedance amplifier designed
for 622Mbps fiber optic applications. As shown in the
Functional Diagram (Figure 1), it comprises a transim-
pedance amplifier, a paraphase amplifier with emitter-
follower outputs, and a DC cancellation circuit.
Transimpedance Amplifier
The signal current at the input flows into a high-gain
amplifier’s summing node. Shunt feedback through RF
converts this current to a voltage with 6.5k
Ω gain.
Diode D1 clamps the output voltage for large input cur-
rents. INREF is a direct connection to the input transis-
tor’s emitter, and must be connected directly to the
photodetector AC ground return for best performance.
Paraphase Amplifier
The paraphase amplifier converts single-ended signals to
differential signals and introduces a voltage gain of 2.
This signal drives a pair of internally biased emitter follow-
ers, Q2 and Q3, which form the output stage. Resistors
R1 and R2 provide back-termination at the output, deliv-
ering a 100
Ω differential output impedance. The output
emitter followers are designed to drive a 100
Ω differential
load between OUT+ and OUT-. The MAX3760 can also
be terminated with higher output impedances for
increased gain and output voltage swing.
The MAX3760
will not drive a 50
Ω load to ground. For best noise rejec-
tion, terminate the MAX3760 with differential loads.
DC Cancellation Circuit
The DC cancellation circuit removes the input signal’s
DC component by employing low-frequency feedback.
This feature centers the input signal within the transim-
pedance amplifier’s dynamic range, thereby reducing
pulse-width distortion on large input signals.
The paraphase amplifier’s output is sensed through
resistors R3 and R4, then filtered, amplified, and fed
back to the base of transistor Q4. The transistor draws
the input signal’s DC component away from the trans-
impedance amplifier’s summing node.
The MAX3760 DC cancellation loop is internally com-
pensated and does not require external capacitors in
most 622Mbps applications. Add external capacitance
at the COMP pin to reduce the DC cancellation circuit’s
frequency response and improve data-dependent jitter.
Connecting the COMP pin directly to GND disables the
circuit. The DC cancellation circuit can sink up to 1mA
at the input.
622Mbps, Low-Noise Transimpedance
Preamplifier for LAN and WAN Optical Receivers
_______________________________________________________________________________________
5
MAX3760
IN
Q4
Q1
Q3
R2
R1
1k
Q2
RF
D1
R4
R3
VCC
(FILTER)
OUT-
OUT+
GND
COMP
VCC
VCC
VCC
DC
CANCELLATION
AMPLIFIER
TRANSIMPEDANCE
AMPLIFIER
PARAPHASE
AMP
GND
INREF
( ) INDICATE PINS AVAILABLE ON DIE ONLY.
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com