Electronic Components Datasheet Search
  English  ▼

X  

MAX3760ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3760ESA
Description  622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3760ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX3760ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Power Supply
The MAX3760 can operate from a power-supply volt-
age (VCC - GND) between 4.5V and 5.5V. GND can be
any stable voltage, including -5.0V, as found in many
systems using ECL interface levels.
Layout Considerations
Use good high-frequency design and layout tech-
niques. The use of a multilayer circuit board with sepa-
rate ground and VCC planes is recommended. Take
care to bypass VCC and to connect the GND pin to the
ground plane with the shortest possible traces.
Designing a Low-Capacitance Input
Noise performance and bandwidth will be adversely
affected by stray capacitance at IN. Make every effort
to minimize capacitance on this node. Select a low-
capacitance photodiode and use good high-frequency
design and layout techniques. The MAX3760 is opti-
mized for 0.75pF of capacitance on the input—approxi-
mately the capacitance of a low-cost photodetector
packaged in a header.
When using the MAX3760 in the SO package, note that
the package capacitance is about 0.3pF. The PC board
between the MAX3760 input and the photodetector will
add parasitic capacitance. Keep the input line short,
and remove power and ground planes beneath it.
For the best possible performance, assemble the
MAX3760 in die form using chip-and-wire technology,
or package the die in a TO header. These techniques
minimize parasitic capacitance, resulting in the lowest
noise.
Designing Filters
The MAX3760’s noise performance is strongly affected
by the circuit’s bandwidth, which changes over temper-
ature and varies from lot to lot. Receiver sensitivity can
be improved by adding filters to limit this bandwidth.
Filter designs range from a one-pole filter using a single
capacitor to more complex filters using inductors. The
simple filter provides a moderate rolloff with minimal
components, while the complex filter provides a sharp-
er rolloff and better transient response. A simple
530MHz filter can be created by placing a 6pF capaci-
tor between the OUT+ and OUT- pins.
Supply-voltage noise at the photodiode cathode pro-
duces a current, I = CPHOTO
∆V/∆t, which reduces
receiver sensitivity (CPHOTO is the photodiode capaci-
tance.) The MAX3760’s FILTER resistor, combined with
an external capacitor, can be used to reduce this noise
(see
Typical Application Circuit). Current generated by
supply-noise voltage is divided between CFILTER and
CPHOTO. The input noise current due to supply noise is
as follows (assuming the filter capacitor is much larger
than the photodiode capacitance):
If the amount of tolerable noise is known, the filter
capacitor is easy to select, as follows:
For example, with maximum noise voltage = 10mVRMS,
CPHOTO = 0.75pF, RFILTER = 1k
Ω, and INOISE selected
to be 30nA (half the MAX3760’s input noise):
C
=
10mV
-
FILTER
(
)(
)
(
)(
)
=
0 75
1000 30
9
250
.
pF
E
pF
C
>
V
FILTER
NOISE
(
)(
)
(
)(
)
C
R
I
PHOTO
FILTER
NOISE
I
=
V
NOISE
NOISE
(
)(
)
(
)(
)
C
R
C
PHOTO
FILTER
FILTER
622Mbps, Low-Noise Transimpedance
Preamplifier for LAN and WAN Optical Receivers
_______________________________________________________________________________________
7
CFILTER
VCC
OUT+
OUT-
PHOTODIODE
CASE IS GROUND
TOP VIEW OF TO-56 HEADER
Figure 3. Suggested Layout for TO-56 Header



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com