Electronic Components Datasheet Search
  English  ▼

X  

SM34 Datasheet(PDF) 8 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 8 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 4Page - Connor-Winfield Corporation SM34 Datasheet HTML 5Page - Connor-Winfield Corporation SM34 Datasheet HTML 6Page - Connor-Winfield Corporation SM34 Datasheet HTML 7Page - Connor-Winfield Corporation SM34 Datasheet HTML 8Page - Connor-Winfield Corporation SM34 Datasheet HTML 9Page - Connor-Winfield Corporation SM34 Datasheet HTML 10Page - Connor-Winfield Corporation SM34 Datasheet HTML 11Page - Connor-Winfield Corporation SM34 Datasheet HTML 12Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 8
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Detailed Description continued
The 8k_Out or the Output 1 of each device may be cross-connected to the other device’s M/S Ref input. The device auto-detects
the frequency on the M/S Ref input. Master or slave state of a device is determined by the M/S pin. Thus, master/slave state is always
manually controlled by the application. The master synchronizes to the selected input reference, while the slave synchronizes to the
M/S Ref input. (Note that 8kHz frame phase alignment is maintained across a master/slave pair of devices only if 8k_Out is used as
the cross couple signal.)
The unit operating in slave mode locks on and phase-aligns to the cross-reference clock (8k_Out or Output 1) from the unit in
master mode. The phase skew between the input cross-reference and the output clock for the slave unit is typically less than ±1ns
(under ±3ns in dynamic situations, including reference jitter and wander).
Perfect phase alignment of the two Output 1 output clocks would require no delay on the cross-reference clock connection. To
accommodate path length delays, the SM34 provides a programmable phase skew feature. The slave’s Output 1 or 8k_Out may be
phase shifted -32nS to +31.75nS relative to M/S Input according to the contents of the MS_Phase_Offset register to compensate for
the path length of the 8k_Out or Output 1 to M/S Input connection. This offset may therefore be programmed to exactly compensate
for the actual path length delay associated with the particular application’s cross-reference traces. The offset may further be adjusted
to accommodate any output clock distribution path delay differences. Thus, master/slave switches with the SM3 devices may be
accomplished with near-zero phase hits.
The first time a unit becomes a slave, such as immediately after power-up, its output clock phase starts out arbitrary, and will
quickly phase-align to the cross-reference from the master unit. The phase skew will be eliminated (or converged to the programmed
phase offset) step by step. The whole pull-in-and-lock process will complete in about 60 seconds. There is no frequency slew
protection in slave mode. In slave mode, the unit’s mission is to lock to and follow the master.
Once a pair of units has been operating in aligned master/slave mode, and a master/slave switch occurs, the unit that becomes
master will maintain its output clock phase and frequency while a phase build-out (to the current output clock phase) is performed on
its selected reference input. Therefore, as master mode operation commences, there will be no phase or frequency hits on the clock
output.
Likewise, the unit that becomes the slave will maintain its output clock frequency and phase for 1 msec before starting to follow the
cross-reference, protecting the downstream clock users during the switch. Assuming the phase offset is programmed for the actual
propagation delay of this cross-reference path, there will again be no phase hits on the output clock of the unit that has transitioned
from master to slave.
Master / Slave Configuration
Figure 3
STC3500
8K_OUT / OUTPUT1
8K_OUT / OUTPUT1
M/S REF
REFS1-8
REFS1-8
M/S REF
SM34
2
SM34
1
Furthermore, under register access control, a backup holdover history register is provided. It may be loaded from the active
holdover history or restored to the active holdover history. The active holdover history may also be flushed.
Holdover mode may be entered at any time. If there is no holdover history available, the prior output frequency will be maintained.
When in holdover, the application may read (via register access) the time since holdover was enterred.
Master/Slave Operation
Pairs of SM34 devices may be operated in a master/slave configuration for redundant timing source applications. A typical
configuration is shown below.:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com