Electronic Components Datasheet Search
  English  ▼

X  

SM34 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  SM34 Datasheet HTML 1Page - Connor-Winfield Corporation SM34 Datasheet HTML 2Page - Connor-Winfield Corporation SM34 Datasheet HTML 3Page - Connor-Winfield Corporation SM34 Datasheet HTML 4Page - Connor-Winfield Corporation SM34 Datasheet HTML 5Page - Connor-Winfield Corporation SM34 Datasheet HTML 6Page - Connor-Winfield Corporation SM34 Datasheet HTML 7Page - Connor-Winfield Corporation SM34 Datasheet HTML 8Page - Connor-Winfield Corporation SM34 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Application
The SM34 Timing Module is a
complete system clock module for
Stratum 3 timing applications and
conforms to GR-1244-CORE (Issue
2), GR-253-CORE (Issue 3) and ITU-T
G.812 (Option 3). Applications include
shared port adapters, data digital
cross connects, ADM’s, DSLAM’s,
multiservice platforms, switches and
routers in TDM, SDH and SONET
environments.
The SM34 Timing Module
guarantees full Stratum 3 compliance
with a minimum of effort and cost
in the smallest complete package
available.
This product is ROHS compliant.
Features
Small Package Size,
1.025 x 1.015 x 0.350 inches
Eight Auto Select Input References,
8 kHz - 77.76 MHz
Frequency Qualification and Loss of
Reference detection for each input
Hitless Reference Switching
Master/Slave Operation with Phase
Adjustment
Manual/Autonomous Operation
Bi-Directional SPI Port Control and
Status Reporting
Three CMOS Frequency Outputs
- Output1 from 1.544 - 77.76MHz,
8k_Out@8KHz, BITS @2.048 MHz or
1.544 MHz
3.3V operation
Surface Mount J-Lead Footprint
Moisture Sensitivity – Level 3
ROHS Compliant
SM34
8 REFERENCE
SURFACE MOUNT
STRATUM 3 MODULE
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
TM095
Revision
05
Date
19 Nov 12


Similar Part No. - SM34

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SM34 KEMET-SM34 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Dc Components
SM340 DCCOM-SM340 Datasheet
389Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Infinite Electronics In...
SM3401 FAIRVIEW-SM3401 Datasheet
76Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SHEET
REV A
SM3402 FAIRVIEW-SM3402 Datasheet
522Kb / 4P
SM3402 DATA SHEET BNC Female to RP BNC Male Adapter
REV 2.1
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
GRAPHICS SYSTEM PROCESSOR
More results

Similar Description - SM34

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASOF5S3 CONNOR-WINFIELD-ASOF5S3 Datasheet
165Kb / 2P
SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
ASOF3S3 CONNOR-WINFIELD-ASOF3S3 Datasheet
168Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
BSOV3S3 CONNOR-WINFIELD-BSOV3S3 Datasheet
192Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
ESOF3S3 CONNOR-WINFIELD-ESOF3S3 Datasheet
189Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
OFA3BB2AA CONNOR-WINFIELD-OFA3BB2AA Datasheet
240Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
OFA3JP2AB CONNOR-WINFIELD-OFA3JP2AB Datasheet
216Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
OFB3JP2AB CONNOR-WINFIELD-OFB3JP2AB Datasheet
220Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
Stratum 3 Timing Module
SM3-8RG5 CONNOR-WINFIELD-SM3-8RG5 Datasheet
616Kb / 32P
8 REFERENCE STRATUM 3 MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com