Electronic Components Datasheet Search
  English  ▼

X  

SM34 Datasheet(PDF) 22 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 22 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 18Page - Connor-Winfield Corporation SM34 Datasheet HTML 19Page - Connor-Winfield Corporation SM34 Datasheet HTML 20Page - Connor-Winfield Corporation SM34 Datasheet HTML 21Page - Connor-Winfield Corporation SM34 Datasheet HTML 22Page - Connor-Winfield Corporation SM34 Datasheet HTML 23Page - Connor-Winfield Corporation SM34 Datasheet HTML 24Page - Connor-Winfield Corporation SM34 Datasheet HTML 25Page - Connor-Winfield Corporation SM34 Datasheet HTML 26Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 22
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Phase Transients – A phase transient is an unusual step or change in the phase-time of a signal over a relatively short time
period. This may be due to switching between equipment, reference switching, diagnostics, entry or exit to/from Hold Over, or input
reference transients. The SM34 performance for reference switches is shown below:
Phase Transients – MITE
Performance Specifications continued
Wander Transfer – Wander transfer is the degree to which input wander is attenuated (or amplified) from input to output of a clock.
The GR-1244 requirements for wander transfer limits are shown below.
Integration time,
τ (seconds)
Stratum 3 TDEV (nanoseconds)
τ <0.05
N/A
0.05
≤
τ <0.1
1020x
τ
0.1
≤
τ <1.44
102
1.44
≤
τ<10
102
10
≤
τ<300
32.2x
τ 0.5
300
≤
τ≤1000
32.2x
τ 0.5
1000<
τ
N/A
The SM34, when configured for the appropriate Stratum 3 bandwidth frequency, meets the Stratum 3 requirements,
Jitter Generation – Jitter generation is the process whereby jitter appears at the output of a clock in the absence of input jitter.
The device jitter generation performance is as shown below:
Jitter
19.44 MHz
77.76 MHz
Broadband
8psTypical
8psTypical
(10Hz-2MHz)
SONETBand
(12kHz-2MHz)
(12kHz-20MHz)
1psTypical
<1psTypical
Jitter Transfer – Jitter transfer is the degree to which input jitter is attenuated (or amplified) from input to output of a clock. It is a
function of the selected bandwidth. The SM34 jitter transfer characteristics are shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com