Electronic Components Datasheet Search
  English  ▼

X  

SM34 Datasheet(PDF) 10 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 10 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 6Page - Connor-Winfield Corporation SM34 Datasheet HTML 7Page - Connor-Winfield Corporation SM34 Datasheet HTML 8Page - Connor-Winfield Corporation SM34 Datasheet HTML 9Page - Connor-Winfield Corporation SM34 Datasheet HTML 10Page - Connor-Winfield Corporation SM34 Datasheet HTML 11Page - Connor-Winfield Corporation SM34 Datasheet HTML 12Page - Connor-Winfield Corporation SM34 Datasheet HTML 13Page - Connor-Winfield Corporation SM34 Datasheet HTML 14Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 10
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Reference Input Quality Monitoring
Each reference input is monitored for signal presence and frequency offset. Signal presence for the
Ref1-8 inputs is indicated in
the
Ref_Activity register and signal presence for the M/S REF is indicated in bit 0 of the M/S REF_Activity register. The frequency
offset between the
Ref1-8 inputs and the calibrated local oscillator is available in the Ref_Frq_Offset registers (8). Register Ref_
Pullin_Sts indicates, for each of the Ref1-8 inputs, if the reference is within the maximum pull-in range. The maximum pull-in range
is indicated in register
Max_Pullin_Range, and may be set in 0.1ppm increments. Typically, it would be set according to the values
specified by the standards (GR-1244) appropriate for the particular stratum of operation.
The
Ref_Qualified register contains the “anded” condition of the Ref_Activity and Ref_Pullin_Sts registers for each of the Ref1-8
inputs, qualified for 10 seconds. When a reference signal has been present for > 10 seconds and is within the pull-in range, it’s bit is
set.
The
Ref_Available register contains the “anded” condition of the Ref_Qualified register and the Ref_Mask register, and therefore
represents the availability of a reference for selection when automatic reference and operational mode selection is enabled.
Reference Input Selection, Frequencies, and Mode Selection
One of eight reference input signals (
Ref 1-8) are selected for synchronization in Master mode (as below in the Op_Mode register
description. 0x05).
Ref 1-8 may each be 8 kHz, 1.544 MHz, 2.048 MHz, 12.96 MHz, 19.44 MHz, 25.92 MHz, 38.88 MHz, 51.84 MHz
or 77.76 MHz.
Reference frequencies are auto-detected and the detected frequency can be read from the
Ref_Frq_Priority registers (See
Register Descriptions and Operation section).
Active reference and operational mode selection may be manual or automatic, as determined by bit 1 in the
Ctl_Mode register. In
manual mode, register writes to
Op_Mode select the reference and mode. The reset default is manual mode.
The M/S REF input for slave operation is frequency auto-detected and may be 8kHz, 1.544MHz, 2.048MHz, 12.96MHz, 19.44MHz,
25.92MHz, 38.88MHz, 51.84MHz or 77.76MHz. Signal presence and frequency for the M/S REF input is indicated in bits 0-3 of the
M/S REF_Activity register.
In automatic mode, the reference is selected according to the priorities written to the eight
Ref_Frq_Priority registers. Individual
references may be masked for use/non-use according to the
Ref_Mask register. A reference may only be selected if it is “available”
- that is, it is qualified, as indicated in the
Ref_Qualified register, and is not masked (See Reference Input Quality Monitoring and
Register Descriptions and Operation sections).
Furthermore, Bit 3 of each
Ref_Frq_Priority register will determine if that reference is revertive or non-revertive. When a reference
fails, the next highest priority “available” (signal present, non-masked, and acceptable frequency offset) reference will be selected.
When a reference returns, it will be switched to only if it is of higher priority and the current active reference is marked “Revertive”.
Additionally, the reversion is delayed according to the value written to the
Ref_Rev_Delay register (From 0 to 255 minutes).
Detailed Description continued
Serial Bus Timing
Table 4
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
t
CS
SPI_EnablelowtoSPI_CLKlow
15
-
-
ns
t
CH
SPI_CLKhightime
25
-
-
ns
t
CL
SPI_CLKlowtime
25
-
-
ns
t
RWs
Read/Writesetuptime
15
-
-
ns
t
RWh
Read/Writeholdtime
15
-
-
ns
t
DRDY
Dataready
-
-
25
ns
t
HLD
DataHold
15
-
-
ns
t
CSTRI
ChipSelecttodatatri-state
5
-
-
ns
t
CSMIN
Minimumdelaybetweensuccessiveaccesses 300
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com