Electronic Components Datasheet Search
  English  ▼

X  

OPA2172 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2172
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2172 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2172 Datasheet HTML 1Page - Texas Instruments OPA2172 Datasheet HTML 2Page - Texas Instruments OPA2172 Datasheet HTML 3Page - Texas Instruments OPA2172 Datasheet HTML 4Page - Texas Instruments OPA2172 Datasheet HTML 5Page - Texas Instruments OPA2172 Datasheet HTML 6Page - Texas Instruments OPA2172 Datasheet HTML 7Page - Texas Instruments OPA2172 Datasheet HTML 8Page - Texas Instruments OPA2172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
OPA172, OPA2172, OPA4172
SBOS618H – DECEMBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
5 Device Comparison
Device Comparison
DEVICE
PACKAGE
OPA172 (single)
SC70-5, SOT-23-5, SOIC-8
OPA2172 (dual)
SOIC-8, VSSOP-8, WSON-8
OPA4172 (quad)
SOIC-14, TSSOP-14
Device Family Comparison
QUIESCENT CURRENT
GAIN BANDWIDTH PRODUCT
VOLTAGE NOISE DENSITY
DEVICE
(IQ)
(GBP)
(en)
OPAx172
1600 µA
10 MHz
7 nV/
√Hz
OPAx171
475 µA
3.0 MHz
14 nV/
√Hz
OPAx170
110 µA
1.2 MHz
19 nV/
√Hz
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA172 OPA2172 OPA4172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com