Electronic Components Datasheet Search
  English  ▼

X  

OPA2172 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2172
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2172 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2172 Datasheet HTML 2Page - Texas Instruments OPA2172 Datasheet HTML 3Page - Texas Instruments OPA2172 Datasheet HTML 4Page - Texas Instruments OPA2172 Datasheet HTML 5Page - Texas Instruments OPA2172 Datasheet HTML 6Page - Texas Instruments OPA2172 Datasheet HTML 7Page - Texas Instruments OPA2172 Datasheet HTML 8Page - Texas Instruments OPA2172 Datasheet HTML 9Page - Texas Instruments OPA2172 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
OPA172, OPA2172, OPA4172
SBOS618H – DECEMBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions: OPA172
PIN
OPA172
NAME
D (SOIC)
DBV (SOT)
DCK (SC70)
I/O
DESCRIPTION
+IN
3
3
1
I
Noninverting input
–IN
2
4
3
I
Inverting input
NC
1, 5, 8
—
—
—
No internal connection
OUT
6
1
4
O
Output
V+
7
5
5
—
Positive (highest) power supply
V–
4
2
2
—
Negative (lowest) power supply
Pin Functions: OPA2172 and OPA4172
PIN
OPA2172
OPA4172
D (SOIC),
DGK
DRG
D (SOIC),
NAME
(VSSOP)
(WSON)
PW (TSSOP)
I/O
DESCRIPTION
+IN A
3
1
3
I
Noninverting input, channel A
+IN B
5
4
5
I
Noninverting input, channel B
+IN C
—
—
10
I
Noninverting input, channel C
+IN D
—
—
12
I
Noninverting input, channel D
–IN A
2
8
2
I
Inverting input, channel A
–IN B
6
5
6
I
Inverting input, channel B
–IN C
—
—
9
I
Inverting input,,channel C
–IN D
—
—
13
I
Inverting input, channel D
OUT A
1
7
1
O
Output, channel A
OUT B
7
6
7
O
Output, channel B
OUT C
—
—
8
O
Output, channel C
OUT D
—
—
14
O
Output, channel D
V+
8
2
4
—
Positive (highest) power supply
V–
4
3
11
—
Negative (lowest) power supply
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA172 OPA2172 OPA4172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com