Electronic Components Datasheet Search
  English  ▼

X  

OPA2172 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2172
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2172 Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA2172 Datasheet HTML 23Page - Texas Instruments OPA2172 Datasheet HTML 24Page - Texas Instruments OPA2172 Datasheet HTML 25Page - Texas Instruments OPA2172 Datasheet HTML 26Page - Texas Instruments OPA2172 Datasheet HTML 27Page - Texas Instruments OPA2172 Datasheet HTML 28Page - Texas Instruments OPA2172 Datasheet HTML 29Page - Texas Instruments OPA2172 Datasheet HTML 30Page - Texas Instruments OPA2172 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
VCC
VEE
VCC
VCC
VEE
VEE
VCC
LSK489
R1
3.9 k
Ÿ
R2
3.9 k
Ÿ
V1
15 V
V2
15 V
OPA172
VOUT
R3
1.13 k
Ÿ
R4
11.5
Ÿ
MMBT4401
MMBT4401
R5
300
Ÿ
Q3
Q4
+ +
Q1
Q2
R6
27.4 k
Ÿ
OPA172, OPA2172, OPA4172
www.ti.com
SBOS618H – DECEMBER 2013 – REVISED SEPTEMBER 2015
9.2.3 JFET-Input Low-Noise Amplifier
Figure 51 shows a low-noise composite amplifier built by adding a low noise JFET pair (Q1 and Q2) as an input
preamplifier for the OPA172. Transistors Q3 and Q4 form a 2-mA current sink that biases each JFET with 1 mA
of drain current. Using 3.9-k
Ω drain resistors produces a gain of approximately 10 in the input amplifier, making
the extremely-low, broadband-noise spectral density of the JFET pair, Q1 and Q2, the dominant noise source of
the amplifier. The output impedance of the input differential amplifier is large enough that a FET-input amplifier
such as the OPA172 provides superior noise performance over bipolar-input amplifiers.
The gain of the composite amplifier is given by Equation 3:
AV = (1 + R3 / R4)
(3)
The resistances shown are standard 1% resistor values that produce a gain of approximately 100 (99.26) with
68° of phase margin. Gains less than 10 may require additional compensation methods to provide stability.
Select low resistor values to minimize the resistor thermal noise contribution to the total output noise.
Figure 51. JFET-Input Low-Noise Amplifier
10 Power-Supply Recommendations
The OPA172 is specified for operation from 4.5 V to 36 V (±2.25 V to ±18 V); many specifications apply from
–40°C to +125°C. Parameters that can exhibit significant variance with regard to operating voltage or
temperature are presented in the Typical Characteristics.
CAUTION
Supply voltages larger than 40 V can permanently damage the device; see the
Absolute Maximum Ratings.
Place 0.1-
μF bypass capacitors close to the power-supply terminals to reduce errors coupling in from noisy or
high-impedance power supplies. For more detailed information on bypass capacitor placement, see the Layout
section.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: OPA172 OPA2172 OPA4172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com