Electronic Components Datasheet Search
  English  ▼

X  

OPA2172 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2172
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2172 Datasheet(HTML) 5 Page - Texas Instruments

  OPA2172 Datasheet HTML 1Page - Texas Instruments OPA2172 Datasheet HTML 2Page - Texas Instruments OPA2172 Datasheet HTML 3Page - Texas Instruments OPA2172 Datasheet HTML 4Page - Texas Instruments OPA2172 Datasheet HTML 5Page - Texas Instruments OPA2172 Datasheet HTML 6Page - Texas Instruments OPA2172 Datasheet HTML 7Page - Texas Instruments OPA2172 Datasheet HTML 8Page - Texas Instruments OPA2172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
1
2
3
4
14
13
12
11
OUTD
-
IND
+IND
V
-
OUTA
-
INA
+INA
V+
5
6
7
10
9
8
+INC
-
INC
OUTC
+INB
-
INB
OUTB
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
1
2
3
4
8
7
6
5
-
IN A
OUT A
OUT B
-
IN B
+IN A
V+
V
-
+IN B
A
B
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
1
2
3
5
4
V+
OUT
+IN
V
-
-
IN
OPA172, OPA2172, OPA4172
www.ti.com
SBOS618H – DECEMBER 2013 – REVISED SEPTEMBER 2015
6 Pin Configuration and Functions
DCK Package: OPA172
D and DGK Packages: OPA2172
SC70-5
SOIC-8 and VSSOP-8
Top View
Top View
DBV Package: OPA172
SOT-23-5
Top View
DRG Package: OPA2172
WSON-8
Top View
D Package: OPA172
SOIC-8
Top View
D and PW Packages: OPA4172
SO-14 and TSSOP-14
Top View
(1)
No internal connection.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA172 OPA2172 OPA4172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com