Electronic Components Datasheet Search
  English  ▼

X  

OPA2172 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2172
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2172 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2172 Datasheet HTML 1Page - Texas Instruments OPA2172 Datasheet HTML 2Page - Texas Instruments OPA2172 Datasheet HTML 3Page - Texas Instruments OPA2172 Datasheet HTML 4Page - Texas Instruments OPA2172 Datasheet HTML 5Page - Texas Instruments OPA2172 Datasheet HTML 6Page - Texas Instruments OPA2172 Datasheet HTML 7Page - Texas Instruments OPA2172 Datasheet HTML 8Page - Texas Instruments OPA2172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
VCC
VEE
VCC
VCC
VEE
VEE
VCC
LSK489
R1
3.9 k
Ÿ
R2
3.9 k
Ÿ
V1
15 V
V2
15 V
OPA172
VOUT
R3
1.13 k
Ÿ
R4
11.5
Ÿ
MMBT4401
MMBT4401
R5
300
Ÿ
Q3
Q4
+ +
Q1
Q2
R6
27.4 k
Ÿ
-140
-120
-100
-80
0.00001
0.0001
0.001
0.01
10
100
1k
10k
Frequency (Hz)
G = +1 V/V, RL = 10 k
G = +1 V/V, RL = 2 k
G = +1 V/V, RL = 600
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
G = -1 V/V, RL = 600
C007
V
OUT = 3.5 VRMS
BW = 80 kHz
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA172, OPA2172, OPA4172
SBOS618H – DECEMBER 2013 – REVISED SEPTEMBER 2015
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
1 Features
3 Description
The OPA172, OPA2172 and OPA4172 (OPAx172)
1
•
Wide Supply Range:
are
a
family
of
36-V,
single-supply,
low-noise
+4.5 V to +36 V, ±2.25 V to ±18 V
operational
amplifiers
capable
of
operating
on
•
Low Offset Voltage: ±0.2 mV
supplies ranging from +4.5 V (±2.25 V) to +36 V
•
Low Offset Drift: ±0.3 µV/°C
(±18 V). This latest addition of high-voltage CMOS
operational
amplifiers,
in
conjunction
with
the
•
Gain Bandwidth: 10 MHz
OPAx171
and
OPAx170,
provide
a
family
of
•
Low Input Bias Current: ±8 pA
bandwidth, noise, and power options to meet the
•
Low Quiescent Current: 1.6 mA per Amplifier
needs of a wide variety of applications. The OPAx172
are available in micropackages, and offer low offset,
•
Low Noise: 7 nV/
√Hz
drift, and quiescent current. These devices also offer
•
EMI and RFI Filtered Inputs
wide bandwidth, fast slew rate, and high output
•
Input Range Includes the Negative Supply
current drive capability. The single, dual, and quad
•
Input Range Operates to Positive Supply
versions all have identical specifications for maximum
design flexibility.
•
Rail-to-Rail Output
Unlike most op amps, which are specified at only one
•
High Common-Mode Rejection: 120 dB
supply voltage, the OPAx172 family is specified from
•
Industry-Standard Packages:
+4.5 V to +36 V. Input signals beyond the supply rails
–
SOIC-8, VSSOP-8, SOIC-14, TSSOP-14
do not cause phase reversal. The input can operate
•
microPackages: Single in SC70, SOT-23,
100 mV below the negative rail and within 2 V of the
top rail during normal operation. Note that these
Dual in WSON-8
devices can operate with full rail-to-rail input 100 mV
beyond the top rail, but with reduced performance
2 Applications
within 2 V of the top rail.
•
Tracking Amplifier in Power Modules
The OPAx172 series of op amps are specified from
•
Merchant Power Supplies
–40°C to +125°C.
•
Transducer Amplifiers
•
Bridge Amplifiers
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Temperature Measurements
SC70 (5)
2.00 mm × 1.25 mm
•
Strain Gauge Amplifiers
OPA172
SOT-23 (5)
2.90 mm × 1.60 mm
•
Precision Integrators
SOIC (8)
4.90 mm × 3.91 mm
•
Test Equipment
SOIC (8)
4.90 mm × 3.91 mm
OPA2172
VSSOP (8)(2)
3.00 mm × 3.00 mm
WSON (8)
3.00 mm × 3.00 mm
SOIC (14)
8.65 mm × 3.91 mm
OPA4172
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
(2) The VSSOP package is the same as the MSOP package.
JFET-Input Low-Noise Amplifier
Superior THD Performance
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA2172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2172 TI2-OPA2172 Datasheet
4Mb / 60P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
REVISED MAY 2018
OPA2172-Q1 TI1-OPA2172-Q1 Datasheet
2Mb / 36P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
OPA2172-Q1 TI2-OPA2172-Q1 Datasheet
4Mb / 60P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
REVISED MAY 2018
OPA2172ID TI1-OPA2172ID Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172ID TI2-OPA2172ID Datasheet
4Mb / 60P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
REVISED MAY 2018
More results

Similar Description - OPA2172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com