Electronic Components Datasheet Search
  English  ▼

X  

OPA2172 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2172
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2172 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2172 Datasheet HTML 12Page - Texas Instruments OPA2172 Datasheet HTML 13Page - Texas Instruments OPA2172 Datasheet HTML 14Page - Texas Instruments OPA2172 Datasheet HTML 15Page - Texas Instruments OPA2172 Datasheet HTML 16Page - Texas Instruments OPA2172 Datasheet HTML 17Page - Texas Instruments OPA2172 Datasheet HTML 18Page - Texas Instruments OPA2172 Datasheet HTML 19Page - Texas Instruments OPA2172 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
-20
-15
-10
-5
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Time (s)
C034
0.1% Settling = ±10 mV
G = +1
C
L = 10 pF
-20
-15
-10
-5
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Time (s)
C034
0.1% Settling = ±10 mV
G = +1
C
L = 10 pF
Time (500 ns/div)
C005
R
L
NŸ
C
L = 10 pF
±
+
RI = 1 k
VIN = 10V
+ 18 V
± 18 V
OPA172
+
±
RF = 1 k
CL
RL
Time (500 ns/div)
C014
CL = 10pF
±
+
VIN = 10V
+ 18 V
± 18 V
CL
OPA172
+
±
Time (200 ns/div)
C006
R
L
NŸ
C
L = 10pF
±
+
RI = 1 k
VIN = 100mV
+ 18 V
± 18 V
OPA172
+
±
RF = 1 k
CL
RL
Time (200 ns/div)
C014
C
L = 10pF
±
+
VIN = 100mV
+ 18 V
± 18 V
CL
OPA172
+
±
OPA172, OPA2172, OPA4172
SBOS618H – DECEMBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
At VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 31. Small-Signal Step Response (100 mV, G = –1)
Figure 32. Small-Signal Step Response (100 mV, G = +1)
Figure 33. Large-Signal Step Response (10 V, G = –1)
Figure 34. Large-Signal Step Response (10 V, G = +1)
Figure 35. Large-Signal Settling Time (10-V Positive Step)
Figure 36. Large-Signal Settling Time (10-V Negative Step)
16
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA172 OPA2172 OPA4172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com