Electronic Components Datasheet Search
  English  ▼

X  

MAX4563EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4563EEE
Description  Serially Controlled, Clickless Audio/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4563EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4563EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
8
_______________________________________________________________________________________
Pin Description
NO1A, NO1B,
NO2A, NO2B,
NO3, NO4
2, 4, 6, 8,
10, 12
Normally Open Terminals
COM1–COM4
3, 7, 9, 11
Common Terminals
A1
13
A0
SDA
SCL
GND
5
LSB + 2 of 2-Wire Serial Interface Address Field
LSB + 1 of 2-Wire Serial Interface Address Field
Data Input of 2-Wire Serial Interface
Clock Input of 2-Wire Serial Interface
Ground
V+
1
Positive Supply Voltage
NAME
FUNCTION
500
µs/div
SOFT-MODE RISE TIME
500
µs/div
SOFT-MODE FALL TIME
Typical Operating Characteristics (continued)
(V+ = +5V, TA = +25°C, unless otherwise noted.)
DOUT
Data Input of 3-Wire Serial Interface
CS
14
Chip-Select of 3-Wire Serial Interface
DIN
15
Data Input of 3-Wire Serial Interface
SCLK
Clock Input of 3-Wire Serial Interface
1
2, 4, 6, 8,
10, 12
3, 7, 9, 11
5
–
–
–
–
PIN
13
–
14
–
MAX4562
MAX4563
15
–
–
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com