Electronic Components Datasheet Search
  English  ▼

X  

MAX4563EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4563EEE
Description  Serially Controlled, Clickless Audio/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4563EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4563EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
______________________________________________________________________________________
13
SCLK
DIN
DOUT
tCSS
tCL
tCH
tCSW
tCSO
tDO
tCSH
tDH
tDS
D7
D6
D1
D0
CS
20%
20%
20%
20% 20%
20%
20%
70%
70%
70%
70%
Figure 5. 3-Wire Serial-Interface Timing Diagram
D7
D6
D5 D4
MSB
LSB
D3 D2 D1 D0
DATA BITS FROM PREVIOUS DATA INPUT
DOUT POWER-UP DEFAULT: D7–D0 = 0
D6 D5 D4 D3 D2 D1 D0
D7
DOUT
DIN
SCLK
SWITCHES UPDATED
DATA CLOCKED IN
DATA CLOCKED OUT
CS
D7
INPUT DATA BITS
Figure 6. A Complete 3-Wire Serial-Interface Transmission
-20
-40
-120
0.1
10
100
-100
-60
-80
FREQUENCY (MHz)
1
T-SWITCH
SPST
SWITCH
Figure 8. Off-Isolation vs. Frequency
SIGNAL OUT
SIGNAL IN
COM3
NO3
NO2B
NO2A
COM2
Figure 7. T-Switch Configuration
TRANSISTOR COUNT: 3518
___________________Chip Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com