Electronic Components Datasheet Search
  English  ▼

X  

MAX4563EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4563EEE
Description  Serially Controlled, Clickless Audio/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4563EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4563EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
I2C is a trademark of Philips Corp.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4562/MAX4563 serial-interface controlled
switches are ideal for multimedia applications. Each
device features 30
Ω max on-resistance (RON), 5Ω RON
match, and 5
Ω RON flatness. Audio off-isolation and
crosstalk at 20kHz is -85dB, and video off-isolation and
crosstalk at 10MHz is -55dB. Both devices feature
“clickless” mode operation for audio applications.
The MAX4562/MAX4563 contain two normally open sin-
gle-pole/double-throw (SPDT) switches and two normal-
ly open single-pole/single-throw (SPST) switches. The
MAX4562 features a 2-wire I2C™-compatible serial
interface. The MAX4563 features a 3-wire SPI™/QSPI™/
MICROWIRE™-compatible serial interface. Both parts
are available in 16-pin QSOP packages and operate
over the commercial and extended temperature
ranges.
Applications
Set-Top Boxes
PC Multimedia Boards
Audio Systems
Video Conferencing Systems
Features
o Selectable Soft-Switching Mode for “Clickless”
Audio Operation
o 30
Ω max On-Resistance
o Audio Performance
-85dB Off-Isolation at 20kHz
-85dB Crosstalk at 20kHz
-0.007% THD
o Video Performance
-55dB Off-Isolation at 10MHz
-55dB Crosstalk at 10MHz
o T-Switch Configurable for Improved Off-Isolation
o Serial Interface
2-Wire I2C-Compatible (MAX4562)
3-Wire SPI/QSPI/MICROWIRE-Compatible
(MAX4563)
o Single-Supply Operation from +2.7V to +5.5V
Serially Controlled, Clickless
Audio/Video Switches
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SCL (SCLK)
SDA (DIN)
A1 (DOUT)
COM4
( ) ARE FOR MAX4563
NO3
NO4
COM3
NO2B
COM2
NO2A
GND
NO1B
COM1
NO1A
V+
QSOP
TOP VIEW
MAX4562
MAX4563
A0 (CS)
19-1461; Rev 0; 4/99
PART
MAX4562CEE
MAX4562EEE
MAX4563CEE
0°C to +70°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
16 QSOP
16 QSOP
Pin Configuration
Ordering Information
MAX4563EEE
-40°C to +85°C
16 QSOP
Typical Operating Circuit
SIGNAL OUT
SIGNAL IN
COM3
NO3
NO2B
NO2A
COM2


Similar Part No. - MAX4563EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
8 x 8 Video Crosspoint Switch
Rev 2; 2/94
MAX4560 MAXIM-MAX4560 Datasheet
305Kb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CEE MAXIM-MAX4560CEE Datasheet
305Kb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CPE MAXIM-MAX4560CPE Datasheet
305Kb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CSE MAXIM-MAX4560CSE Datasheet
305Kb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
More results

Similar Description - MAX4563EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
Serially Controlled Audio/Video Switches
Rev 0; 8/99
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
11/02-Data Sheet changed from REV. A to REV. B.
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com