Electronic Components Datasheet Search
  English  ▼

X  

MAX4563EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4563EEE
Description  Serially Controlled, Clickless Audio/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4563EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4563EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
6
_______________________________________________________________________________________
Note 2:
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
Guaranteed by design. Not subject to production testing.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5:
Resistance flatness is defined as the difference between the maximum and minimum on-resistance values, as measured
over the specified analog signal range.
Note 6:
Leakage parameters are 100% tested at maximum rated temperature and guaranteed by correlation at TA = +25°C.
Note 7:
Off-isolation = 20 log (VCOM_ / VNO_ _ ), VCOM_ = output, VNO_ _ = input to off switch.
Note 8:
All timing is measured from the clock’s falling edge preceding the ACK signal for 2-wire and from the rising edge of CS for
3-wire. Turn-off time is defined at the output of the switch for a 0.5V change, tested with a 300
Ω load to ground. Turn-on
time is defined at the output of the switch for a 0.5V change and measured with a 5k
Ω load resistor to GND. All timing is
shown with respect to 20% V+ and 70% V+, unless otherwise noted.
Note 9:
Supply current can be as high as 2mA per switch during switch transitions in the clickless mode, corresponding to a 12mA
total supply transient current requirement.
Note 10: Leakage testing is guaranteed by testing with a +5.25V supply.
Note 11: Cb = capacitance of one bus line in pF. Tested with Cb = 400pF.
Note 12: Typical values are for MAX4563 devices.
15
19
17
21
27
29
25
23
31
012345
ON-RESISTANCE vs. COM_ VOLTAGE
VCOM_ (V)
V+ = 2.7V
V+ = 3.3V
V+ = 5.0V
12
14
13
16
15
17
18
20
19
21
012345
ON-RESISTANCE vs. COM_ VOLTAGE
AND TEMPERATURE
VCOM_ (V)
TA = +70°C
TA = +85°C
TA = +25°C
TA = -40°C
0.1
1
100
10
1000
-40
-15
10
35
60
85
LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
COM_ON
NO_ _OFF
COM_OFF
Typical Operating Characteristics
(V+ = +5V, TA = +25°C, unless otherwise noted.)
3-WIRE TIMING CHARACTERISTICS
(Figure 5, V+ = +2.7V to +5.25V, fOP = 2.1MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
SCLK Pulse Width High
tCH
200
V+ = 4.75V to 5.25V
10
ns
Fall Time (SCLK, DIN, CS)
tF
2
µs
SCLK Pulse Width Low
tCL
200
ns
CS Fall to SCLK Rise Hold
tCSH
0
ns
Rise Time (SCLK, DIN, CS)
tR
DIN to SCLK Setup
tDS
100
ns
Operating Frequency
fOP
V+ = 2.7V to 5.25V
0
2.1
MHz
DIN to SCLK Hold
tDH
0
ns
2
µs
CS Fall to SCLK Rise Setup
tCSS
100
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CS Pulse Width High
tCSW
40
ns
SCLK Fall to Output Data Valid
tDO
CLOAD = 50pF
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com