Electronic Components Datasheet Search
  English  ▼

X  

MAX4563EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4563EEE
Description  Serially Controlled, Clickless Audio/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4563EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4563EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +3V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
ns
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
-10
10
TA = TMIN to TMAX
CONDITIONS
COM _ On-Leakage
Current (Notes 6, 10)
ICOM_(ON)
VCOM_ = 3V, 0.5V;
VNO_ _ = 3V, 0.5V,
or floating;
V+ = 3.6V
-1
0.002
1
nA
Total Harmonic Distortion
plus Noise
THD+N
fIN = 1kHz, VNO_ _ =
0.5VRMS, VNO_ _ = 1.5V
0.1
%
Off-Isolation (Note 7)
VISO(A)
VNO_ _ = 0.5VRMS, fIN = 20kHz, RL = 600Ω,
Figure 1
80
dB
Channel-to-Channel Crosstalk
VCT(A)
VNO_ _ = 0.5VRMS, fIN = 20kHz, RS = 600Ω,
Figure 1
85
dB
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Off-Isolation (Note 7)
VISO(V)
VNO_ _ = 0.5VRMS, fIN = 10MHz, RL = 50Ω,
Figure 1
-50
dB
Channel-to-Channel Crosstalk
VCT(V)
VNO_ _ = 0.5VRMS, fIN = 10MHz, RS = 50Ω,
Figure 1
-55
dB
-3dB Bandwidth
BW
RSOURCE = 50Ω, RL = 50Ω
200
MHz
Off-Capacitance
COFF(NO)
fIN = 1MHz
10
pF
Turn-On Time
tONSD
VNO_ _ = 1.5V,
RL = 5kΩ, CL = 35pF
400
800
ns
1000
TA = +25°C
TA = TMIN to TMAX
8
On-Resistance
Flatness (Note 5)
RFLAT
ICOM_ = 4mA;
VNO_ _ = 1V, 1.5V, 2V;
V+ = 2.7V
36
Ω
TA = +25°C
TA = TMIN to TMAX
Turn-Off Time
tOFFSD
VNO_ _ = 1.5V,
RL = 300Ω, CL = 35pF
200
350
500
VNO_ _ = 1.5V, TA = TMIN to TMAX
Break-Before-Make Time
tBBM
10
100
ns
VNO_ _ = 1.5V, RL = 5kΩ, CL = 35pF
Turn-On Time
tONSE
12
ms
VNO_ _ = 1.5V, RL = 300Ω, CL = 35pF
Turn-Off Time
tOFFSE
3
ms
TA = +25°C
TA = TMIN to TMAX
-10
10
COM_ Off-Leakage
Current (Notes 6, 10)
ICOM_(OFF)
VCOM_ = 0.5V, 3V;
VNO_ _ = 3V, 0.5V;
V+ = 3.6V
-1
0.001
1
nA
TA = +25°C
TA = TMIN to TMAX
-10
10
NO_ _ Off-Leakage
Current (Notes 6, 10)
INO_ _(OFF)
VCOM_ = 0.5V, 3V;
VNO_ _ = 3V, 0.5V;
V+ = 3.6V
-1
0.001
1
nA
RL = 600Ω
AUDIO PERFORMANCE
VIDEO PERFORMANCE
DYNAMIC TIMING WITH CLICKLESS MODE DISABLED (Notes 8, 12, and Figure 2)
DYNAMIC TIMING WITH CLICKLESS MODE ENABLED (Notes 8, 12, and Figure 2)
RL = 10kΩ
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com