Electronic Components Datasheet Search
  English  ▼

X  

MAX4563EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4563EEE
Description  Serially Controlled, Clickless Audio/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4563EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4563EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +3V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
ICOM_ = 4mA,
VNO_ _ = 1V,
V+ = 2.7V
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
7
TA = TMIN to TMAX
ICOM_ = 4mA,
VNO_ _ = 1V,
V+ = 2.7V
CONDITIONS
V
0V+
VNO_ _,
VCOM_
ANALOG SWITCHES
Analog Signal Range (Note 3)
Ω
30
60
RON
On-Resistance
80
Ω
35
∆RON
On-Resistance Match
Between Channels (Note 4)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ANALOG SWITCHES
VNO_ _ = 2.5V,
RL = 5kΩ,
CL = 35pF
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
200
fIN = 1MHz
All logic inputs = 0 or V+, TA = TMIN to TMAX
VNO_ _ = 2.5V, TA = TMIN to TMAX
TA = TMIN to TMAX
VNO_ _ = 2.5V,
RL = 300Ω,
CL = 35pF
CONDITIONS
pF
10
COFF(NO)
Off-Capacitance
µA
610
I+
Supply Current (Note 9)
ns
10
50
tBBM
Break-Before-Make Time
ns
200
400
tONSD
Turn-On Time
500
ns
100
160
tOFFSD
Turn-Off Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = TMIN to TMAX
V
2.7
5.5
V+
Supply Voltage Range
VNO_ _ = 2.5V, RL = 300Ω, CL = 35pF
ms
3
tOFFSE
Turn-Off Time
VNO_ _ = 2.5V, RL = 5kΩ, CL = 35pF
ms
12
tONSE
Turn-On Time
RSOURCE = 50Ω, RL = 50Ω
MHz
300
BW
-3dB Bandwidth
VNO_ _ = 1VRMS, fIN = 10MHz, RS = 50Ω,
Figure 1
dB
-55
VCT(V)
Channel-to-Channel Crosstalk
VNO_ _ = 1VRMS, fIN = 10MHz, RL = 50Ω,
Figure 1
dB
-55
VISO(V)
Off-Isolation (Note 7)
DYNAMIC TIMING WITH CLICKLESS MODE DISABLED (Note 8, Figure 2)
DYNAMIC TIMING WITH CLICKLESS MODE ENABLED (Note 8, Figure 2)
POWER SUPPLY
VIDEO PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com