Electronic Components Datasheet Search
  English  ▼

X  

LPV542 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LPV542
Description  LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV542 Datasheet(HTML) 5 Page - Texas Instruments

  LPV542 Datasheet HTML 1Page - Texas Instruments LPV542 Datasheet HTML 2Page - Texas Instruments LPV542 Datasheet HTML 3Page - Texas Instruments LPV542 Datasheet HTML 4Page - Texas Instruments LPV542 Datasheet HTML 5Page - Texas Instruments LPV542 Datasheet HTML 6Page - Texas Instruments LPV542 Datasheet HTML 7Page - Texas Instruments LPV542 Datasheet HTML 8Page - Texas Instruments LPV542 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LPV542
www.ti.com
SNOSCX9 – MARCH 2015
6.5 Electrical Characteristics 1.8 V
TA = 25°C, V
+ = 1.8V, V− = 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ , unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OFFSET VOLTAGE
Input offset voltage (VOS)
VCM = 0.3 V
±1
±2
VCM = 1.5 V
±1
±3
mV
Over temperature
VCM = 0.3 V and 1.5 V
±4
Drift (dVOS/dT)
1
µV/°C
Power-Supply Rejection Ratio
VS = 1.6 V to 5.5 V, VCM = 0.3 V
83
109
dB
(PSRR)
INPUT VOLTAGE RANGE
Common-mode voltage range (VCM)
CMRR
≥ 60 dB
0
1.8
V
Common-Mode Rejection Ratio
0 V < VCM < 1.8 V
63
92
(CMRR)
0 V < VCM < 0.7 V
87
92
dB
1.3 V < VCM < 1.8 V
63
98
INPUT BIAS CURRENT
Input bias current (IB)
TA = 25°C
±0.1
±1
TA = –40°C to 125°C
±100
pA
Input offset current (IOS)
±0.1
±1
INPUT IMPEDANCE
Differential
1013 || 2.5
Ω || pF
Common mode
1013 || 2.5
NOISE
Input voltage noise density, f = 1 kHz (en)
250
nV/
√Hz
Current noise density, f = 1 kHz (in)
80
fA
√Hz
OPEN-LOOP GAIN
Open-loop voltage gain (AOL)
RL = 100 kΩ to V
+/2, 0.5 V < V
O < 1.3 V
91
101
dB
OUTPUT
Voltage output swing from positive rail
RL = 100 kΩ to V
+/2
3
20
mV
Voltage output swing from negative rail
RL = 100 kΩ to V
+/2
2
20
Output current sourcing
Sourcing, VO to V
–, V
IN(diff) = 100 mV
1
3
mA
Output current sinking
Sinking, VO to V
+, V
IN(diff) = –100 mV
1
5
FREQUENCY RESPONSE
Gain-bandwidth product (GBWP)
CL = 20 pF
7
kHz
Slew rate (SR)
G = +1, Rising edge, 1Vp-p, CL = 20 pF
3.4
V/ms
G = +1, Falling edge, 1Vp-p, CL = 20 pF
3.7
POWER SUPPLY
Specified voltage range (VS)
1.6
5.5
V
Quiescent current per channel (IQ)
VCM = 0.3 V, IO = 0
490
800
Over temperature
1100
nA
Quiescent current per channel (IQ)
VCM = 1.5 V, IO = 0
680
1100
Over temperature
1500
(1)
Refer to Typical Characteristics.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LPV542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com