Electronic Components Datasheet Search
  English  ▼

X  

LPV542 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LPV542
Description  LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV542 Datasheet(HTML) 1 Page - Texas Instruments

  LPV542 Datasheet HTML 1Page - Texas Instruments LPV542 Datasheet HTML 2Page - Texas Instruments LPV542 Datasheet HTML 3Page - Texas Instruments LPV542 Datasheet HTML 4Page - Texas Instruments LPV542 Datasheet HTML 5Page - Texas Instruments LPV542 Datasheet HTML 6Page - Texas Instruments LPV542 Datasheet HTML 7Page - Texas Instruments LPV542 Datasheet HTML 8Page - Texas Instruments LPV542 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
0
100
200
300
400
500
600
700
800
900
1000
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
125°C
85°C
25°C
0°C
-40°C
C001
V
CM = 0.3V
OXYGEN SENSOR
100 M
+
1 M
RL
VOUT
V
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LPV542
SNOSCX9 – MARCH 2015
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
1 Features
3 Description
The LPV542 is an ultra-low-power, dual operational
1
•
Wide Supply Range: 1.6 V to 5.5 V
amplifier that provides 8kHz of bandwidth from 490nA
•
Low Supply Current: 490 nA (typical/channel)
of quiescent current making it well suited for battery-
•
Good Offset Voltage: 3 mV (maximum/room)
powered applications such as health and fitness
wearables, building automation, and remote sensing
•
Good TcVos: 1µV/°C (typical)
nodes.
•
Gain-Bandwidth: 8 kHz (typical)
Each amplifier has a CMOS input stage with pico-
•
Rail-to-Rail Input and Output
amp bias currents which reduces errors commonly
•
Unity-Gain Stable
introduced
in
megaohm
feedback
resistance
•
Low Input Bias Current : 1 pA (maximum/room)
topologies such as photodiode and charge sense
applications. In addition, the input common-mode
•
EMI Hardened
range extends to the power supply rails and the
•
Temperature Range: -40°C to 125°C
output swings to within 3 mV of the rails, maintaining
•
Thin 3 mm x 3 mm x 0.45 mm X1SON package
the widest dynamic range possible. Likewise, EMI
protection is designed into the LPV542 in order to
2 Applications
reduce system sensitivity to unwanted RF signals
from mobile phones, WiFi, radio transmitters, and tag
•
Wearables
readers.
•
Personal Health Monitors
The LPV542 operates on a supply voltage as low as
•
Battery Packs
1.6 V, ensuring continuous superior performance in
•
Mobile Phones and Tablets
low battery situations. The device is available in an 8-
•
Solar-Powered or Energy Harvested Systems
pad, low-profile, leadless 3 mm x 3 mm x 0.45 mm
X1SON package and a standard 8 pin VSSOP.
•
PIR, Smoke, Gas, and Fire Detection Systems
•
Battery Powered Internet of Things (IoT) Devices
Device Information(1)
•
Remote Sensors
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Micropower Reference Buffer
X1SON (8)
3.00 mm x 3.00 mm
LPV542
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
Nanopower Oxygen Sensor Amplifier
Supply Current vs. Supply Voltage
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LPV542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
LPV542 TI2-LPV542 Datasheet
1,001Kb / 30P
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
REVISED NOVEMBER 2015
LPV542DGKR TI1-LPV542DGKR Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
LPV542DGKR TI2-LPV542DGKR Datasheet
1,001Kb / 30P
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
REVISED NOVEMBER 2015
LPV542DGKR.B TI2-LPV542DGKR.B Datasheet
1,001Kb / 30P
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
REVISED NOVEMBER 2015
More results

Similar Description - LPV542

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
OPA313 TI-OPA313 Datasheet
2Mb / 36P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
LPV521MGX TI-LPV521MGX Datasheet
1Mb / 29P
LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com