Electronic Components Datasheet Search
  English  ▼

X  

LPV542 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LPV542
Description  LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV542 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPV542 Datasheet HTML 7Page - Texas Instruments LPV542 Datasheet HTML 8Page - Texas Instruments LPV542 Datasheet HTML 9Page - Texas Instruments LPV542 Datasheet HTML 10Page - Texas Instruments LPV542 Datasheet HTML 11Page - Texas Instruments LPV542 Datasheet HTML 12Page - Texas Instruments LPV542 Datasheet HTML 13Page - Texas Instruments LPV542 Datasheet HTML 14Page - Texas Instruments LPV542 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
-50
-40
-30
-20
-10
0
10
20
30
40
50
-0.3
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
Common Mode Voltage (V)
C003
-50
-40
-30
-20
-10
0
10
20
30
40
50
-0.3
0.3
0.9
1.5
2.1
2.7
3.3
Common Mode Voltage (V)
C006
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-0.3
0.3
0.9
1.5
2.1
2.7
3.3
Common Mode Voltage (V)
C005
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-0.3
0.3
0.9
1.5
2.1
2.7
3.3
3.9
4.5
5.1
Common Mode Voltage (V)
C008
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
Common Mode Voltage (V)
C002
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
-0.3
0.3
0.9
1.5
2.1
2.7
3.3
3.9
4.5
5.1
Common Mode Voltage (V)
C007
LPV542
www.ti.com
SNOSCX9 – MARCH 2015
Typical Characteristics (continued)
TA = 25 °C, VS = 5 V, VOUT = VCM = VS/2, RLOAD = 1 MΩ connected to VS/2, and CL = 20 pF, unless otherwise noted.
VS = 5 V
TA = 25°C
VS = 1.8 V
TA = 85°C
Figure 19. Input Bias Current vs
Figure 20. Input Bias Current vs
Common Mode Voltage at 5V
Common Mode Voltage at 1.8V
VS = 3.3 V
TA = 85°C
VS = 5 V
TA = 85°C
Figure 21. Input Bias Current vs
Figure 22. Input Bias Current vs
Common Mode Voltage at 3.3 V
Common Mode Voltage at 5 V
VS = 1.8 V
TA = 125°C
VS = 3.3 V
TA = 125°C
Figure 23. Input Bias Current vs
Figure 24. Input Bias Current vs
Common Mode Voltage at 1.8 V
Common Mode Voltage at 3.3 V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LPV542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com