Electronic Components Datasheet Search
  English  ▼

X  

LPV542 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LPV542
Description  LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV542 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LPV542 Datasheet HTML 10Page - Texas Instruments LPV542 Datasheet HTML 11Page - Texas Instruments LPV542 Datasheet HTML 12Page - Texas Instruments LPV542 Datasheet HTML 13Page - Texas Instruments LPV542 Datasheet HTML 14Page - Texas Instruments LPV542 Datasheet HTML 15Page - Texas Instruments LPV542 Datasheet HTML 16Page - Texas Instruments LPV542 Datasheet HTML 17Page - Texas Instruments LPV542 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
0
100
200
300
400
500
600
700
800
900
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Common Mode Voltage (V)
125°C
85°C
25°C
0°C
-40°C
C001
LPV542
SNOSCX9 – MARCH 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LPV542 dual op amplifier is unity-gain stable and can operate on a single supply, making it highly versatile
and easy to use.
The LPV542 is fully specified and tested from 1.6 V to 5.5 V. Parameters that vary significantly with operating
voltages or temperature are shown in the Typical Characteristics curves.
7.2 Functional Block Diagram
7.3 Feature Description
The amplifier's differential inputs consist of a non-inverting input (+IN) and an inverting input (–IN). The amplifer
amplifies only the difference in voltage between the two inputs, which is called the differential input voltage. The
output voltage of the op-amp VOUT is given by Equation 1:
VOUT = AOL (IN
+ – IN–)
where
•
AOL is the open-loop gain of the amplifier, typically around 100 dB (100,000x, or 100,000 Volts per microvolt).
(1)
7.4 Device Functional Modes
7.4.1 Rail-To-Rail Input
The input common-mode voltage range of the LPV542 extends to the supply rails. This is achieved with a
complementary input stage — an N-channel input differential pair in parallel with a P-channel differential pair.
The N-channel pair is active for input voltages close to the positive rail, typically (V+) – 800 mV to 200 mV above
the positive supply, while the P-channel pair is on for inputs from 300 mV below the negative supply to
approximately (V+) – 800 mV. There is a small transition region, typically (V+) – 1.2 V to (V+) – 0.8 V, in which
both pairs are on. This 400 mV transition region can vary 200 mV with process variation. Within the 400 mV
transition region PSRR, CMRR, offset voltage, offset drift, and THD may be degraded compared to operation
outside this region.
7.4.2 Supply Current Changes over Common Mode
Because of the ultra-low supply current, changes in common mode voltages will cause a noticeable change in
the supply current as the input stages transition through the transition region, as shown in Figure 37 below.
Figure 37. Supply Current Change over Common Mode at 5 V
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LPV542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com