Electronic Components Datasheet Search
  English  ▼

X  

MAX477ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX477ESA
Description  300MHz High-Speed Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX477ESA Datasheet HTML 4Page - Maxim Integrated Products MAX477ESA Datasheet HTML 5Page - Maxim Integrated Products MAX477ESA Datasheet HTML 6Page - Maxim Integrated Products MAX477ESA Datasheet HTML 7Page - Maxim Integrated Products MAX477ESA Datasheet HTML 8Page - Maxim Integrated Products MAX477ESA Datasheet HTML 9Page - Maxim Integrated Products MAX477ESA Datasheet HTML 10Page - Maxim Integrated Products MAX477ESA Datasheet HTML 11Page - Maxim Integrated Products MAX477ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
300MHz High-Speed Op Amp
8
_______________________________________________________________________________________
Setting Gain
The MAX477 can be configured as an inverting or non-
inverting gain block in the same manner as any other
voltage-feedback op amp. The gain is determined by
the ratio of two resistors and does not affect amplifier
frequency compensation. This is unlike CMF op amps,
which have a limited range of feedback resistors, typi-
cally one resistor value for each gain and load setting.
This is because the -3dB bandwidth of a CMF op amp
is set by the feedback and load resistors. Figure 1a
shows the inverting gain configuration and its gain
equation, while Figure 1b shows the noninverting gain
configuration.
Choosing Resistor Values
The feedback and input resistor values are not critical
in the inverting or noninverting gain configurations (as
with current-feedback amplifiers). However, be sure to
select resistors that are small and noninductive.
Surface-mount resistors are best for high-frequency cir-
cuits. Their material is similar to that of metal-film resis-
tors, but to minimize inductance, it is deposited in a flat,
linear manner using a thick film. Their small size and
lack of leads also minimize parasitic inductance and
capacitance.
The MAX477’s input capacitance is approximately 1pF.
In either the inverting or noninverting configuration,
excess phase resulting from the pole frequency formed
by Rf
|| Rg and C can degrade amplifier phase margin
and cause oscillations (Figure 2). Table 1 shows the
recommended resistor combinations and measured
bandwidth for several gain values.
DC and Noise Errors
The standard voltage-feedback topology of the
MAX477 allows DC error and noise calculations to be
done in the usual way. The following analysis shows
that the MAX477’s voltage-feedback architecture pro-
vides a precision amplifier with significantly lower DC
errors and lower noise compared to CMF amplifiers.
1) In Figure 3, total output offset error is given by:
For the special case in which RS is arranged to be
equal to Rf || Rg, the IB terms cancel out. Note also,
for IOS (RS + (Rf || Rg) << VOS, the IOS term also
drops out of the equation for total DC error. In prac-
tice, high-speed configurations for the MAX477
necessitate the use of low-value resistors for RS, Rf,
and Rg. In this case, the VOS term is the dominant
DC error source.
2) The MAX477’s total input-referred noise in a closed-
loop feedback configuration can be calculated by:
where en
= input-referred noise voltage of the
MAX477 (5nV
√Hz)
in
= input-referred noise current of the
MAX477 (2pA
√Hz)
REQ = total equivalent source resistance at
the two inputs, i.e., REQ = RS + Rf || Rg
eR = resistor noise voltage due to REQ, i.e.,
MAX477
VOUT
VIN
C
RF
RG
RL
Figure 2. Effect of High-Feedback Resistor Values and
Parasitic Capacitance on Bandwidth
Table 1. Resistor and Bandwidth Values for
Various Closed-Loop Gain Configurations
V
= 1+
R
R
OUT
f
g
||
||
+
(
)+
+
(
)
(
)


–
V
I R
I
R
R
I
R
R
R
OS
B S
B
f
g
OS
S
f
g
e
e
e
i R
T
n
R
n EQ
=
+
+
(
)


2
2
2
114
64
42
23
12
25
120
300
-3dB
BANDWIDTH
(MHz)
300
300
500
500
450
500
500
Short
Rf
(
Ω)
300
-1
150
-2
100
-5
50
-10
50
+10
125
+5
GAIN
(V/V)
500
+2
Open
+1
Rg
(
Ω)
e
=
4KT R
R
EQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com