Electronic Components Datasheet Search
  English  ▼

X  

MAX477ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX477ESA
Description  300MHz High-Speed Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX477ESA Datasheet HTML 4Page - Maxim Integrated Products MAX477ESA Datasheet HTML 5Page - Maxim Integrated Products MAX477ESA Datasheet HTML 6Page - Maxim Integrated Products MAX477ESA Datasheet HTML 7Page - Maxim Integrated Products MAX477ESA Datasheet HTML 8Page - Maxim Integrated Products MAX477ESA Datasheet HTML 9Page - Maxim Integrated Products MAX477ESA Datasheet HTML 10Page - Maxim Integrated Products MAX477ESA Datasheet HTML 11Page - Maxim Integrated Products MAX477ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
300MHz High-Speed Op Amp
10
______________________________________________________________________________________
Flash ADC Preamp
The MAX477’s high output-drive capability and ability
to drive capacitive loads make it well suited for buffer-
ing the low-impedance input of a high-speed flash
ADC. With its low output impedance, the MAX477 can
drive the inputs of the ADC while maintaining accuracy.
Figure 7 shows a preamp for digitizing video, using the
250Msps MAX100 and the 500Msps MAX101 flash
ADCs. Both of these ADCs have a 50
Ω input resistance
and a 1.2GHz input bandwidth.
High-Performance Video
Distribution Amplifier
In a gain of +2 configuration, the MAX477 makes an
excellent driver for back-terminated 75
Ω video coaxial
cables (Figure 8). The high output-current drive allows
the attachment of up to six ±2Vp-p, 150
Ω loads to the
MAX477 at +25°C. With the output limited to ±1Vp-p,
the number of loads may double. The MAX4278 is a
similar amplifier configured for a gain of +2 without the
need for external gain-setting resistors. For multiple
gain-of-2 video line drivers in a single package, see the
MAX496/MAX497 data sheet.
Wide-Bandwidth Bessel Filter
Two high-impedance inputs allow the MAX477 to be
used in all standard active filter topologies. The filter
design is straightforward because the component val-
ues can be chosen independently of op amp bias.
Figure 9 shows a wide-bandwidth, second-order Bessel
filter using a multiple feedback topology. The compo-
nent values are chosen for a gain of +2, a -3dB band-
width of 10MHz, and a 28ns delay. Figure 10a shows a
square-wave pulse response, and Figure 10b shows the
filter’s frequency response and delay. Notice the flat
delay in the passband, which is characteristic of the
Bessel filter.
MAX477
VOUT
VIN
RISO
CL
RL
Figure 5. Capacitive-Load Driving Circuit
MAX477
VIDEO IN
75
Ω
500
Ω
500
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
OUT1
OUT2
OUTN
Figure 8. High-Performance Video Distribution Amplifier
MAX477
VIDEO IN
500
Ω
500
Ω
FLASH ADC
(MAX100/MAX101)
Figure 7. Preamp for Video Digitizer
Figure 6. Effect of CLOAD on Frequency Response With
Isolation Resistor
1
0
-1
-2
1M
10M
100M
1G
-6
-3
-4
-5
FREQUENCY (Hz)
CL = 0pF
RISO = 20Ω
CL = 22pF
CL = 47pF
CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com