Electronic Components Datasheet Search
  English  ▼

X  

MAX477ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX477ESA
Description  300MHz High-Speed Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX477ESA Datasheet HTML 1Page - Maxim Integrated Products MAX477ESA Datasheet HTML 2Page - Maxim Integrated Products MAX477ESA Datasheet HTML 3Page - Maxim Integrated Products MAX477ESA Datasheet HTML 4Page - Maxim Integrated Products MAX477ESA Datasheet HTML 5Page - Maxim Integrated Products MAX477ESA Datasheet HTML 6Page - Maxim Integrated Products MAX477ESA Datasheet HTML 7Page - Maxim Integrated Products MAX477ESA Datasheet HTML 8Page - Maxim Integrated Products MAX477ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
300MHz High-Speed Op Amp
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, RL = 100Ω, AVCL = +1, TA = +25°C, unless otherwise noted.)
Note 1: Specifications for the MAX477EUK (SOT23 package) are 100% tested at TA = +25°C, and guaranteed by design over
temperature.
Note 2: Maximum AC specifications are guaranteed by sample test on the MAX477ESA only.
Note 3: Tested with a 3.58MHz video test signal with an amplitude of 40IRE superimposed on a linear ramp (0 to 100IRE). An IRE is
a unit of video-signal amplitude developed by the Institute of Radio Engineers. 140IRE = 1V.
CONDITIONS
220
300
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
30
130
Small-Signal, ±0.1dB
Gain Flatness (Note 2)
f = 10MHz
VOUT = 2V Step
VOUT = 2V Step
nV/
√Hz
5
en
Input Voltage Noise Density
ns
2
tR, tF
VOUT = ±2Vp-p
Rise Time, Fall Time
12
VOUT = 2Vp-p
tS
Settling Time
ns
10
V/µs
700
1100
SR
Slew Rate (Note 2)
MHz
200
FPBW
Full-Power Bandwidth
f = 3.58MHz
f = 10MHz, either input
%
0.01
DG
Differential Gain (Note 3)
pA/
√Hz
2
in
Input Current Noise Density
Either input
f = 3.58MHz
pF
1
CIN(DM)
Differential-Mode Input
Capacitance
degrees
0.01
DP
Differential Phase (Note 3)
fc = 10MHz, VOUT = 2Vp-p
f = 10MHz
dB
-58
THD
Total Harmonic Distortion
Ω
2.5
ZOUT
Output Impedance
to 0.1%
to 0.01%
f = 10MHz, VOUT = 2Vp-p
f = 5MHz, VOUT = 2Vp-p
dBm
36
IP3
Third-Order Intercept
dBc
-74
SFDR
Spurious-Free Dynamic Range
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = -5V, RL = 100Ω, CL = 0pF, TA = +25°C, unless otherwise noted.)
1
2
0
-1
-2
1M
10M
100M
1G
SMALL-SIGNAL GAIN
vs. FREQUENCY (AVCL = +1V/V)
-6
-7
-8
-3
-4
-5
FREQUENCY (Hz)
6
7
8
5
4
3
1M
10M
100M
1G
SMALL-SIGNAL GAIN vs.
FREQUENCY (AVCL = +2V/V)
-1
-2
2
1
0
FREQUENCY (Hz)
20
21
22
19
18
17
100k
1M
10M
100M
SMALL-SIGNAL GAIN vs.
FREQUENCY (AVCL = +10V/V)
13
12
16
15
14
FREQUENCY (Hz)
VOUT ≤ 0.1Vp-p
MHz
BW-3dB
Small-Signal, -3dB Bandwidth
(Note 2)
BW0.1dB
VOUT ≤ 0.1Vp-p
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com