Electronic Components Datasheet Search
  English  ▼

X  

MAX477ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX477ESA
Description  300MHz High-Speed Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX477ESA Datasheet HTML 4Page - Maxim Integrated Products MAX477ESA Datasheet HTML 5Page - Maxim Integrated Products MAX477ESA Datasheet HTML 6Page - Maxim Integrated Products MAX477ESA Datasheet HTML 7Page - Maxim Integrated Products MAX477ESA Datasheet HTML 8Page - Maxim Integrated Products MAX477ESA Datasheet HTML 9Page - Maxim Integrated Products MAX477ESA Datasheet HTML 10Page - Maxim Integrated Products MAX477ESA Datasheet HTML 11Page - Maxim Integrated Products MAX477ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
300MHz High-Speed Op Amp
_______________________________________________________________________________________
9
As an example, consider RS = 75
Ω, Rf = Rg = 500Ω.
Then:
3) The MAX477’s output-referred noise is simply total
input-referred noise, eT, multiplied by the gain
factor:
In the above example, with eT = 5.5nV
√Hz, and assum-
ing a signal bandwidth of 300MHz (471MHz noise
bandwidth), total output noise in this bandwidth is:
Note that for both DC and noise calculations, errors are
dominated by offset voltage (VOS) and input noise volt-
age (en). For a current-mode feedback amplifier with
offset and noise errors significantly higher, the calcula-
tions are very different.
Driving Capacitive Loads
The MAX477 provides maximum AC performance with
no output load capacitance. This is the case when the
MAX477 is driving a correctly terminated transmission
line (i.e., a back-terminated 75
Ω cable). However, the
MAX477 is capable of driving capacitive loads up to
100pF without oscillations, but with reduced AC perfor-
mance.
Driving large capacitive loads increases the chance of
oscillations in most amplifier circuits. This is especially
true for circuits with high loop gain, such as voltage fol-
lowers. The amplifier’s output resistance and the load
capacitor combine to add a pole and excess phase to
the loop response. If the frequency of this pole is low
enough and phase margin is degraded sufficiently,
oscillations may occur.
A second problem when driving capacitive loads
results from the amplifier’s output impedance, which
looks inductive at high frequency. This inductance
forms an L-C resonant circuit with the capacitive load,
which causes peaking in the frequency response and
degrades the amplifier’s gain margin.
The MAX477 drives capacitive loads up to 100pF with-
out oscillation. However, some peaking (in the frequen-
cy domain) or ringing (in the time domain) may occur.
This is shown in Figure 4 and the in the Small and
Large-Signal Pulse Response graphs in the
Typical
Operating Characteristics.
To drive larger-capacitance loads or to reduce ringing,
add an isolation resistor between the amplifier’s output
and the load, as shown in Figure 5.
The value of RISO depends on the circuit’s gain and the
capacitive load. Figure 6 shows the Bode plots that
result when a 20
Ω isolation resistor is used with a volt-
age follower driving a range of capacitive loads. At the
higher capacitor values, the bandwidth is dominated by
the RC network, formed by RISO and CL; the bandwidth
of the amplifier itself is much higher. Note that adding
an isolation resistor degrades gain accuracy. The load
and isolation resistor form a divider that decreases the
voltage delivered to the load.
R
e
KT x
nV
Hz at
C
e
nV
nV
pA x
nV Hz
EQ
R
T
=
+
(
) =
=
=
°
=
( ) +(
) +(
) =
75
500
500
325
4
325
2 3
25
5
2 3
2
325
5 5
2
2
2
Ω
Ω
Ω
Ω
.
/
.
.
||
e
= 5.5nV x
OUT
1
500
500
471
239
+
=
x
MHz
VRMS
µ
e
= e
1+
R
R
OUT
T
f
g
MAX477
VOUT
IB-
IB+
Rf
Rg
RS
VIN
Figure 3. Output Offset Voltage
Figure 4. Effect of CLOAD on Frequency Response
(AVCL = +1V/V)
15
10
5
0
1M
10M
100M
1G
-20
-5
-10
-15
FREQUENCY (Hz)
CL = 100pF
CL = 22pF
CL = 41pF
CL = 0pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com