Electronic Components Datasheet Search
  English  ▼

X  

MAX477ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX477ESA
Description  300MHz High-Speed Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX477ESA Datasheet HTML 1Page - Maxim Integrated Products MAX477ESA Datasheet HTML 2Page - Maxim Integrated Products MAX477ESA Datasheet HTML 3Page - Maxim Integrated Products MAX477ESA Datasheet HTML 4Page - Maxim Integrated Products MAX477ESA Datasheet HTML 5Page - Maxim Integrated Products MAX477ESA Datasheet HTML 6Page - Maxim Integrated Products MAX477ESA Datasheet HTML 7Page - Maxim Integrated Products MAX477ESA Datasheet HTML 8Page - Maxim Integrated Products MAX477ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
300MHz High-Speed Op Amp
_______________________________________________________________________________________
5
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +1V/V, CL = 100pF)
TIME (20ns/div)
VOLTAGE
(100mV/div)
GND
GND
IN
OUT
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +1V/V, CL = 50pF)
TIME (20ns/div)
VOLTAGE
(2V/div)
GND
GND
IN
OUT
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +1V/V, CL = 100pF)
TIME (20ns/div)
VOLTAGE
(2V/div)
GND
GND
IN
OUT
-50
INPUT BIAS CURRENT (IB)
vs. TEMPERATURE
TEMPERATURE (˚C)
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
-25
0
25
50
75
125
100
VCM = 0V
-50
INPUT OFFSET VOLTAGE (VOS)
vs. TEMPERATURE
TEMPERATURE (˚C)
-200
-300
-100
0
100
200
300
400
-25
0
25
50
75
125
100
VCM = 0V
-50
QUIESCENT SUPPLY CURRENT (ISY)
vs. TEMPERATURE
TEMPERATURE (˚C)
2
0
4
6
8
10
12
14
-25
0
25
50
75
125
100
-50
OUTPUT VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (˚C)
3.0
2.5
3.5
4.0
-25
0
25
50
75
125
100
RL =
RL = 100Ω
RL = 50Ω
-50
INPUT COMMON-MODE RANGE (VCM)
vs. TEMPERATURE
TEMPERATURE (˚C)
3.2
3.8
3.6
3.4
3.0
2.8
4.0
4.2
-25
0
25
50
75
125
100
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, CL = 0pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com