Electronic Components Datasheet Search
  English  ▼

X  

MAX477ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX477ESA
Description  300MHz High-Speed Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX477ESA Datasheet HTML 2Page - Maxim Integrated Products MAX477ESA Datasheet HTML 3Page - Maxim Integrated Products MAX477ESA Datasheet HTML 4Page - Maxim Integrated Products MAX477ESA Datasheet HTML 5Page - Maxim Integrated Products MAX477ESA Datasheet HTML 6Page - Maxim Integrated Products MAX477ESA Datasheet HTML 7Page - Maxim Integrated Products MAX477ESA Datasheet HTML 8Page - Maxim Integrated Products MAX477ESA Datasheet HTML 9Page - Maxim Integrated Products MAX477ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
300MHz High-Speed Op Amp
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, CL = 0pF, TA = +25°C, unless otherwise noted.)
-30
-20
-110
-50
-70
-90
30k
100k
1M
10M
100M
POWER-SUPPLY REJECTION
vs. FREQUENCY
-100
FREQUENCY (Hz)
-80
-60
-40
1k
0.1
100k
1M
10M
100M
500M
OUTPUT IMPEDANCE
vs. FREQUENCY
1
FREQUENCY (Hz)
10
100
-20
-100
1k
10k
1M
10M
100k
100M
HARMONIC DISTORTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
TOTAL HARMONIC DISTORTION
SECOND HARMONIC
THIRD HARMONIC
50M
OPEN-LOOP
GAIN AND PHASE vs. FREQUENCY
MAX477-16
FREQUENCY (Hz)
-8
-10
-4
0
4
8
6
2
-2
-6
10
360
180
0
-180
-360
100M
500M
GAIN
PHASE
0.004
0.002
0.000
0.006
-0.004
0
100
0
100
DIFFERENTIAL GAIN AND PHASE
(AVCL = +1, RL = 150Ω)
0.000
-0.002
-0.002
-0.004
IRE
IRE
0.006
0.004
0.002
0.000
-0.004
0.004
0
100
0
100
DIFFERENTIAL GAIN AND PHASE
(AVCL = +2, RL = 150Ω)
0.000
-0.001
-0.002
-0.008
-0.012
IRE
IRE
0.003
0.002
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com