Electronic Components Datasheet Search
  English  ▼

X  

CC2640 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640
Description  CC2640 SimpleLink Bluetooth Smart Wireless MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2640 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2640 Datasheet HTML 5Page - Texas Instruments CC2640 Datasheet HTML 6Page - Texas Instruments CC2640 Datasheet HTML 7Page - Texas Instruments CC2640 Datasheet HTML 8Page - Texas Instruments CC2640 Datasheet HTML 9Page - Texas Instruments CC2640 Datasheet HTML 10Page - Texas Instruments CC2640 Datasheet HTML 11Page - Texas Instruments CC2640 Datasheet HTML 12Page - Texas Instruments CC2640 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
CC26xx
28
29
27
30
QFN32 5x5
RHB
13
12
14
11
26
15
25
16
31
10
32
9
VDDR_RF
X24M_N
X24M_P
VDDR
VDDS
DIO_13
DIO_14
DIO_12
DIO_3
JTAG_TMSC
DIO_4
DCOUPL
VDDS2
JTAG_TCKC
DIO_5
DIO_6
CC2640
www.ti.com
SWRS176 – FEBRUARY 2015
Table 4-1. Signal Descriptions – RSM Package (continued)
Pin Name
Pin
Pin Type
Description
DCDC_SW
18
Power
Output from internal DC/DC(1). Tie to ground for external
regulator mode (1.7 V to 1.95 V operation)
EGP
Power
Ground – Exposed Ground Pad
RESET_N
21
Digital input
Reset, active-low. No internal pullup
DIO_0
8
Digital I/O
GPIO, Sensor Controller, High drive capability
DIO_1
9
Digital I/O
GPIO, Sensor Controller, High drive capability
DIO_2
10
Digital I/O
GPIO, Sensor Controller, High drive capability
DIO_3
15
Digital I/O
GPIO, High drive capability, JTAG_TDO
DIO_4
16
Digital I/O
GPIO, High drive capability, JTAG_TDI
DIO_5
22
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_6
23
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_7
24
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_8
25
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_9
26
Digital/Analog I/O
GPIO, Sensor Controller, Analog
JTAG_TMSC
13
Digital I/O
JTAG TMSC
JTAG_TCKC
14
Digital I/O
JTAG TCKC
X32K_Q1
5
Analog I/O
32 kHz crystal oscillator pin 1
X32K_Q2
6
Analog I/O
32 kHz crystal oscillator pin 2
X24M_N
30
Analog I/O
24 MHz crystal oscillator pin 1
X24M_P
31
Analog I/O
24 MHz crystal oscillator pin 2
4.3
Pin Diagram – RHB Package
Figure 4-2. RHB (5 mm × 5 mm) Pinout, 0.5-mm Pitch
Copyright © 2015, Texas Instruments Incorporated
Terminal Configuration and Functions
9
Submit Documentation Feedback
Product Folder Links: CC2640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com