Electronic Components Datasheet Search
  English  ▼

X  

CC2640 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640
Description  CC2640 SimpleLink Bluetooth Smart Wireless MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2640 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2640 Datasheet HTML 17Page - Texas Instruments CC2640 Datasheet HTML 18Page - Texas Instruments CC2640 Datasheet HTML 19Page - Texas Instruments CC2640 Datasheet HTML 20Page - Texas Instruments CC2640 Datasheet HTML 21Page - Texas Instruments CC2640 Datasheet HTML 22Page - Texas Instruments CC2640 Datasheet HTML 23Page - Texas Instruments CC2640 Datasheet HTML 24Page - Texas Instruments CC2640 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
CC2640
www.ti.com
SWRS176 – FEBRUARY 2015
5.20 DC Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
TA = 25°C, VDDS = 1.8 V
GPIO VOH at 8mA load
IOCURR=2, high drive GPIOs only
1.54
V
GPIO VOL at 8mA load
IOCURR=2, high drive GPIOs only
0.26
V
GPIO VOH at 4mA load
IOCURR=1
1.58
V
GPIO VOL at 4mA load
IOCURR=1
0.21
V
GPIO pullup current
Input mode, pullup enabled, Vpad=0V
71.7
µA
GPIO pulldown current
Input mode, pulldown enabled, Vpad=VDDS
21.1
µA
GPIO high/low input transition, no hysteresis
IH=0, transition between reading 0 and reading 1
0.88
V
GPIO low-to-high input transition, with hysteresis
IH=1, transition voltage for input read as 0
→1
1.07
V
GPIO high-to-low input transition, with hysteresis
IH=1, transition voltage for input read as 1
→0
0.74
V
GPIO input hysteresis
IH=1, difference between 0
→1 and 1→0 points
0.33
V
TA = 25°C, VDDS = 3.0 V
GPIO VOH at 8mA load
IOCURR=2, high drive GPIOs only
2.68
V
GPIO VOL at 8mA load
IOCURR=2, high drive GPIOs only
0.33
V
GPIO VOH at 4mA load
IOCURR=1
2.72
V
GPIO VOL at 4mA load
IOCURR=1
0.28
V
TA = 25°C, VDDS = 3.8 V
GPIO pullup current
Input mode, pullup enabled, Vpad=0V
277
µA
GPIO pulldown current
Input mode, pulldown enabled, Vpad=VDDS
113
µA
GPIO high/low input transition, no hysteresis
IH=0, transition between reading 0 and reading 1
1.67
V
GPIO low-to-high input transition, with hysteresis
IH=1, transition voltage for input read as 0
→1
1.94
V
GPIO high-to-low input transition, with hysteresis
IH=1, transition voltage for input read as 1
→0
1.54
V
GPIO input hysteresis
IH=1, difference between 0
→1 and 1→0 points
0.4
V
5.21 Control Input AC Characteristics
TA = -40°C to 85°C, VDDS = 1.7 V to 3.8 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESET_N low duration
1
μs
5.22 Synchronous Serial Interface (SSI) Characteristics
Tc=25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
PARAMETER
PARAMETER NAME
MIN
TYP
MAX
UNIT
NO.
S1
tclk_per
SSIClk cycle time
12
65024
system clocks
Copyright © 2015, Texas Instruments Incorporated
Specifications
21
Submit Documentation Feedback
Product Folder Links: CC2640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com