Electronic Components Datasheet Search
  English  ▼

X  

CC2640 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640
Description  CC2640 SimpleLink Bluetooth Smart Wireless MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2640 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC2640 Datasheet HTML 15Page - Texas Instruments CC2640 Datasheet HTML 16Page - Texas Instruments CC2640 Datasheet HTML 17Page - Texas Instruments CC2640 Datasheet HTML 18Page - Texas Instruments CC2640 Datasheet HTML 19Page - Texas Instruments CC2640 Datasheet HTML 20Page - Texas Instruments CC2640 Datasheet HTML 21Page - Texas Instruments CC2640 Datasheet HTML 22Page - Texas Instruments CC2640 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
CC2640
www.ti.com
SWRS176 – FEBRUARY 2015
5.14
ADC Characteristics
(1)
Tc=25°C, VDDS = 3.0 V and voltage scaling enabled, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDDS
V
Resolution
12
Bits
Sample rate
200
ksps
Offset
Internal 4.3 V equivalent reference(2)
2
LSB
Gain error
Internal 4.3 V equivalent reference(2)
2.4
LSB
DNL(3) Differential nonlinearity
>–1
LSB
INL(4)
Integral nonlinearity
±3
LSB
Internal 4.3 V equivalent reference(2), 200 ksps, 9.6 kHz input tone
9.8
VDDS as reference, 200 ksps, 9.6 kHz input tone
10
ENOB
Effective number of bits
Bits
Internal 1.44 V reference, voltage scaling disabled, 32 samples
11.1
average, 200 ksps, 300 Hz input tone
Internal 4.3 V equivalent reference(2), 200 ksps, 9.6 kHz input tone
–65
VDDS as reference, 200 ksps, 9.6 kHz input tone
–69
THD
Total harmonic distortion
dB
Internal 1.44 V reference, voltage scaling disabled, 32 samples
–71
average, 200 ksps, 300 Hz input tone
Internal 4.3 V equivalent reference(2), 200 ksps, 9.6 kHz input tone
60
SINA
Signal-to-noise and
VDDS as reference, 200 ksps, 9.6 kHz input tone
63
D /
dB
distortion ratio
Internal 1.44 V reference, voltage scaling disabled, 32 samples
69
SNDR
average, 200 ksps, 300 Hz input tone
Internal 4.3 V equivalent reference(2), 200 ksps, 9.6 kHz input tone
67
Spurious-free dynamic
VDDS as reference, 200 ksps, 9.6 kHz input tone
72
SFDR
dB
range
Internal 1.44 V reference, voltage scaling disabled, 32 samples
73
average, 200 ksps, 300 Hz input tone
Serial conversion, time-to-output, 24 MHz clock
50
clock-
Conversion time
cycles
Current consumption
Internal 4.3 V equivalent reference(2)
0.66
mA
Current consumption
VDDS as reference
0.75
mA
Internal reference voltage
Internal 4.3 V equivalent reference(2)
1.44
V
Internal reference voltage
VDDS as reference
VDDS /
V
2.82
(1)
Using IEEE Std 1241™-2010 for terminology and test methods.
(2)
Input signal scaled down internally before conversion, as if voltage range was 0 to 4.3V
(3)
No missing codes. Positive DNL typically varies from +0.3 to +3.5 depending on device, see Figure 5-13
(4)
For a typical example, see Figure 5-14
5.15
Temperature Sensor
Measured on Texas Instruments CC2650EM-5XD reference design with Tc=25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
4
°C
Range
–40
85
°C
Accuracy
±5
°C
Supply voltage coefficient(1)
3.2
°C/V
(1)
Automatically compensated when using supplied driver libraries.
5.16
Battery Monitor
Measured on Texas Instruments CC2650EM-5XD reference design with Tc=25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
50
mV
Range
1.8
3.8
V
Copyright © 2015, Texas Instruments Incorporated
Specifications
19
Submit Documentation Feedback
Product Folder Links: CC2640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com