Electronic Components Datasheet Search
  English  ▼

X  

CC2640 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640
Description  CC2640 SimpleLink Bluetooth Smart Wireless MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2640 Datasheet(HTML) 2 Page - Texas Instruments

  CC2640 Datasheet HTML 1Page - Texas Instruments CC2640 Datasheet HTML 2Page - Texas Instruments CC2640 Datasheet HTML 3Page - Texas Instruments CC2640 Datasheet HTML 4Page - Texas Instruments CC2640 Datasheet HTML 5Page - Texas Instruments CC2640 Datasheet HTML 6Page - Texas Instruments CC2640 Datasheet HTML 7Page - Texas Instruments CC2640 Datasheet HTML 8Page - Texas Instruments CC2640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
CC2640
SWRS176 – FEBRUARY 2015
www.ti.com
1.2
Applications
•
Home and Building Automation
•
Health and Medical
–
Connected Appliances
–
Thermometers
–
Lighting
–
SpO2
–
Locks
–
Blood Glucose and Pressure Meters
–
Gateways
–
Weight-scales
–
Security Systems
–
Vitals Monitoring
–
Hearing Aids
•
Industrial
–
Logistics
•
Sports and Fitness
–
Production and Manufacturing
–
Activity Monitors and Fitness Trackers
–
Automation
–
Heart Rate Monitors
–
Asset Tracking and Management
–
Running Sensors
–
Remote Display
–
Biking Sensors
–
Cable Replacement
–
Sports Watches
–
HMI
–
Gym Equipment
–
Access Control
–
Team Sports Equipment
•
Retail
•
HID
–
Beacons
–
Remote Controls
–
Advertising
–
Keyboards and Mice
–
ESL / Price Tags
–
Gaming
–
Point of Sales / Payment Systems
•
Accessories
–
Toys
–
Trackers
–
Luggage-tags
–
Wearables
1.3
Description
The CC2640 is a wireless MCU targeting Bluetooth Smart applications.
The device is a member of the CC26xx family of cost-effective, ultra-low power, 2.4-GHz RF devices. Very
low active RF and MCU current, and low-power mode current consumption provides excellent battery
lifetime and allows operation on small coin cell batteries and in energy-harvesting applications.
The CC2640 contains a 32-bit ARM Cortex-M3 running at 48-MHz as the main processor and a rich
peripheral feature set, including a unique ultra-low power sensor controller, ideal for interfacing external
sensors and/or collecting analog and digital data autonomously while the rest of the system is in sleep
mode.
This makes the CC2640 ideal for a wide range of applications where long battery lifetime, small form
factor, and ease of use is important.
The Bluetooth Low Energy controller is embedded into ROM and run partly on an ARM Cortex®-M0
processor. This architecture improves overall system performance and power consumption and frees up
flash memory for the application.
The Bluetooth Smart stack is available free of charge from www.ti.com.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC2640F128RGZ
RGZ (QFN48)
7.00 mm × 7.00 mm
CC2640F128RHB
RHB (QFN32)
5.00 mm × 5.00 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
2
Device Overview
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com