Electronic Components Datasheet Search
  English  ▼

X  

CC2640 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640
Description  CC2640 SimpleLink Bluetooth Smart Wireless MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2640 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2640 Datasheet HTML 8Page - Texas Instruments CC2640 Datasheet HTML 9Page - Texas Instruments CC2640 Datasheet HTML 10Page - Texas Instruments CC2640 Datasheet HTML 11Page - Texas Instruments CC2640 Datasheet HTML 12Page - Texas Instruments CC2640 Datasheet HTML 13Page - Texas Instruments CC2640 Datasheet HTML 14Page - Texas Instruments CC2640 Datasheet HTML 15Page - Texas Instruments CC2640 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
CC2640
SWRS176 – FEBRUARY 2015
www.ti.com
Table 4-3. Signal Descriptions – RGZ Package (continued)
Pin Name
Pin
Pin Type
Description
DIO_1
6
Digital I/O
GPIO, Sensor Controller
DIO_2
7
Digital I/O
GPIO, Sensor Controller
DIO_3
8
Digital I/O
GPIO, Sensor Controller
DIO_4
9
Digital I/O
GPIO, Sensor Controller
DIO_5
10
Digital I/O
GPIO, Sensor Controller, High drive capability
DIO_6
11
Digital I/O
GPIO, Sensor Controller, High drive capability
DIO_7
12
Digital I/O
GPIO, Sensor Controller, High drive capability
DIO_8
14
Digital I/O
GPIO
DIO_9
15
Digital I/O
GPIO
DIO_10
16
Digital I/O
GPIO
DIO_11
17
Digital I/O
GPIO
DIO_12
18
Digital I/O
GPIO
DIO_13
19
Digital I/O
GPIO
DIO_14
20
Digital I/O
GPIO
DIO_15
21
Digital I/O
GPIO
DIO_16
26
Digital I/O
GPIO, JTAG_TDO, High drive capability
DIO_17
27
Digital I/O
GPIO, JTAG_TDI, High drive capability
DIO_18
28
Digital I/O
GPIO
DIO_19
29
Digital I/O
GPIO
DIO_20
30
Digital I/O
GPIO
DIO_21
31
Digital I/O
GPIO
DIO_22
32
Digital I/O
GPIO
DIO_23
36
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_24
37
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_25
38
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_26
39
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_27
40
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_28
41
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_29
42
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_30
43
Digital/Analog I/O
GPIO, Sensor Controller, Analog
JTAG_TMSC
24
Digital I/O
JTAG TMSC, High drive capability
JTAG_TCKC
25
Digital I/O
JTAG TCKC
X32K_Q1
3
Analog I/O
32 kHz crystal oscillator pin 1
X32K_Q2
4
Analog I/O
32 kHz crystal oscillator pin 2
X24M_N
46
Analog I/O
24 MHz crystal oscillator pin 1
X24M_P
47
Analog I/O
24 MHz crystal oscillator pin 2
12
Terminal Configuration and Functions
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com