Electronic Components Datasheet Search
  English  ▼

X  

MAX521 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX521
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX521 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX521 Datasheet HTML 5Page - Maxim Integrated Products MAX521 Datasheet HTML 6Page - Maxim Integrated Products MAX521 Datasheet HTML 7Page - Maxim Integrated Products MAX521 Datasheet HTML 8Page - Maxim Integrated Products MAX521 Datasheet HTML 9Page - Maxim Integrated Products MAX521 Datasheet HTML 10Page - Maxim Integrated Products MAX521 Datasheet HTML 11Page - Maxim Integrated Products MAX521 Datasheet HTML 12Page - Maxim Integrated Products MAX521 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
_______________________________________________________________________________________
9
______________________________________________________________Pin Description
SCL
SDA
tLOW
tHIGH
tF
tR
tHD, STA
tHD, DAT
tHD, STA
tSU, DAT
tSU, STA
tBUF
tSU, STO
START CONDITION
STOP CONDITION
REPEATED START CONDITION
START CONDITION
Figure 1. 2-Wire Serial-Interface Timing Diagram
DIP
SO/SSOP
DIP/SO
SSOP
PIN
MAX521
NAME
MAX520
7
8
9
10
11
4
—
5
6
3
2
1
8
10
11
12
13
4
7, 9, 16, 20
5
6
3
2
1
12
13
14
15
14
15
17
18
16
19
17
18
19
20
21
22
23
24
Serial Clock Input
SCL
7
Serial Data Input
SDA
8
DAC4 Voltage Output
OUT4
—
DAC5 Voltage Output
OUT5
—
DAC6 Voltage Output
OUT6
—
Reference Voltage Input for DAC0
REF0
4
No Connect—not internally connected
N.C.
—
Digital Ground
DGND
6
Analog Ground
AGND
5
Reference Voltage Input for DAC1
REF1
3
DAC0 Voltage Output
OUT0
2
DAC1 Voltage Output
OUT1
1
9
10
—
—
—
5
4, 7, 14, 17
8
6
3
2
1
DAC7 Voltage Output
OUT7
—
Address Input 0; sets IC’s slave address
AD0
9
Address Input 1; sets IC’s slave address
AD1
10
Power Supply, +5V
VDD
12
—
11
12
15
Reference Voltage Input for DACs 4, 5, 6, and 7
REF4
—
—
Reference Voltage Input for DAC3
REF3
13
Reference Voltage Input for DAC2
REF2
14
DAC3 Voltage Output
OUT3
15
DAC2 Voltage Output
OUT2
16
16
18
19
20
FUNCTION
—
—
Address Input 2; sets IC’s slave address
AD2
11
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com