Electronic Components Datasheet Search
  English  ▼

X  

MAX521 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX521
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX521 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX521 Datasheet HTML 12Page - Maxim Integrated Products MAX521 Datasheet HTML 13Page - Maxim Integrated Products MAX521 Datasheet HTML 14Page - Maxim Integrated Products MAX521 Datasheet HTML 15Page - Maxim Integrated Products MAX521 Datasheet HTML 16Page - Maxim Integrated Products MAX521 Datasheet HTML 17Page - Maxim Integrated Products MAX521 Datasheet HTML 18Page - Maxim Integrated Products MAX521 Datasheet HTML 19Page - Maxim Integrated Products MAX521 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
18
______________________________________________________________________________________
TRANSISTOR COUNT: 4518
SUBSTRATE CONNECTED TO VDD
_________________Chip Topographies
SCLK
SDATA
AD0
AD1
AD2
0.121"
(3.073mm)
0.098"
(2.489mm)
VDD
REF3
REF1
OUT0
OUT1
OUT2
OUT3
REF2
DGND
AGND
REF0
SDA
SCL
AGND
AGND
DGND
REF0
OUT7
0.212"
(5.385mm)
0.125"
(3.175mm)
OUT4 OUT5 OUT6
REF3
AD0
AD1
VDD
REF4
REF2
OUT2
OUT3
OUT1
OUT0
REF1
* Dice are specified at TA = +25°C, DC parameters only.
† MAX520 “A” grade parts include a 1%-accurate, factory-trimmed
output resistance.
PART
†
TEMP. RANGE
PIN-PACKAGE
TUE
(LSB)
MAX521ACPP
0°C to +70°C
20 Plastic DIP
1
MAX521BCPP
MAX521ACWG
MAX521BCWG
0°C to +70°C
0°C to +70°C
0°C to +70°C
20 Plastic DIP
24 Wide SO
24 Wide SO
2
1
2
MAX521ACAG
MAX521BCAG
MAX521BC/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
24 SSOP
24 SSOP
Dice*
1
2
2
__Ordering Information (continued)
MAX521AEPP
-40°C to +85°C
20 Plastic DIP
1
MAX521BEPP
MAX521AEWG
MAX521BEWG
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
20 Plastic DIP
24 Wide SO
24 Wide SO
2
1
2
MAX521AEAG
MAX521BEAG
MAX521BMJP
-55°C to +125°C
-40°C to +85°C
-40°C to +85°C
24 SSOP
24 SSOP
20 CERDIP
1
2
2
MAX520
MAX521
MAX520AEPE
-40°C to +85°C
16 Plastic DIP
1
MAX520BEPE
MAX520AEWE
MAX520BEWE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Wide SO
16 Wide SO
1
1
1
MAX520AEAP
-40°C to +85°C
20 SSOP
1
MAX520BEAP
MAX520AMJE
MAX520BMJE
-55°C to +125°C
-55°C to +125°C
-40°C to +85°C
20 SSOP
16 CERDIP
16 CERDIP
1
1
1
MAX520AC/D
0°C to +70°C
Dice*
1
MAX520BCAP
0°C to +70°C
20 SSOP
1
MAX520ACAP
0°C to +70°C
20 SSOP
1
MAX520BC/D
0°C to +70°C
Dice*
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com