Electronic Components Datasheet Search
  English  ▼

X  

MAX521 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX521
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX521 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX521 Datasheet HTML 12Page - Maxim Integrated Products MAX521 Datasheet HTML 13Page - Maxim Integrated Products MAX521 Datasheet HTML 14Page - Maxim Integrated Products MAX521 Datasheet HTML 15Page - Maxim Integrated Products MAX521 Datasheet HTML 16Page - Maxim Integrated Products MAX521 Datasheet HTML 17Page - Maxim Integrated Products MAX521 Datasheet HTML 18Page - Maxim Integrated Products MAX521 Datasheet HTML 19Page - Maxim Integrated Products MAX521 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
16
______________________________________________________________________________________
__________Applications Information
Shutdown Mode
In shutdown mode, the MAX520/MAX521 reference
inputs are disconnected from the R-2R ladder inputs,
which saves power when the reference is not powered
down. In addition, the MAX521’s output buffers are dis-
abled, greatly reducing the supply current. The
MAX520’s operating supply current does not change in
shutdown mode. The
Command Byte and Output Byte
section describes how to enter and exit shutdown
mode.
Power-Supply Bypassing and
Ground Management
Bypass VDD with a 0.1µF capacitor, located as close to
VDD and DGND as possible. The analog ground
(AGND) and digital ground (DGND) pins should be
connected in a “star” configuration to the highest quali-
ty ground available, which should be located as close
to the MAX521 as possible.
Careful PC board layout minimizes crosstalk among
DAC outputs, reference inputs, and digital inputs.
Figure 16 shows the suggested PC board layout to mini-
mize crosstalk.
OUT2
OUT3
REF2
REF3
OUT1
PIN1
OUT0
REF1
REF0
SYSTEM GND
Figure 16. PC Board Layout for Minimizing Crosstalk (MAX521
bottom view, DIP package)
(1%)
RT
DAC
RF
RIN
Figure 15a. Typical Trimming Circuit
(1%)
16k
Ω
DAC
RF
RIN
MAX520A
Figure 15b. MAX520A Trimming Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com