Electronic Components Datasheet Search
  English  ▼

X  

MAX521 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX521
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX521 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX521 Datasheet HTML 1Page - Maxim Integrated Products MAX521 Datasheet HTML 2Page - Maxim Integrated Products MAX521 Datasheet HTML 3Page - Maxim Integrated Products MAX521 Datasheet HTML 4Page - Maxim Integrated Products MAX521 Datasheet HTML 5Page - Maxim Integrated Products MAX521 Datasheet HTML 6Page - Maxim Integrated Products MAX521 Datasheet HTML 7Page - Maxim Integrated Products MAX521 Datasheet HTML 8Page - Maxim Integrated Products MAX521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
_______________General Description
The MAX520/MAX521 are quad/octal, 8-bit voltage-output
digital-to-analog converters (DACs) with simple 2-wire ser-
ial interfaces that allow communication between multiple
devices. They operate from a single +5V supply and their
reference input range includes both supply rails.
The MAX521 includes rail-to-rail output buffer amplifiers for
reduced system size and component count when driving
loads. The MAX520’s unbuffered voltage outputs reduce
the device’s total supply current to 4µA and provide
increased accuracy at low output currents.
The MAX520/MAX521 feature a serial interface and internal
software protocol, allowing communication at data rates up
to 400kbps. The interface, combined with the double-
buffered input configuration, allows the DAC registers to be
updated individually or simultaneously. In addition, the
devices can be put into a low-power shutdown mode that
reduces supply current to 4µA. Power-on reset ensures the
DAC outputs are at 0V when power is initially applied.
The MAX520 is available in 16-pin DIP and wide SO pack-
ages, as well as a space-saving 20-pin SSOP. The
MAX521 comes in 20-pin DIP and 24-pin SO packages, as
well as a space-saving 24-pin SSOP.
________________________Applications
Minimum Component Analog Systems
Digital Offset/Gain Adjustment
Industrial Process Control
Automatic Test Equipment
Programmable Attenuators
____________________________Features
o Single +5V Supply
o Simple 2-Wire Serial Interface
o I2C Compatible
o Outputs Swing Rail to Rail:
Unbuffered Outputs (MAX520)
Buffered Outputs (MAX521)
o 1%-Accurate Trimmed Output Resistance (MAX520A)
o Ultra-Low 4µA Supply Current (MAX520)
o Individual DACs Have Separate Reference Inputs
o Power-On Reset Clears All Latches
o 4µA Power-Down Mode
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUT1
OUT2
OUT3
REF2
REF3
VDD
AD2
AD1
AD0
OUT0
REF1
REF0
AGND
DGND
SCL
SDA
TOP VIEW
MAX520
DIP/SO
_________________Pin Configurations
INPUT
LATCH 0
8-BIT
SHIFT REGISTER
SCL
REF0
SDA
REF1
OUTPUT
LATCH 0
DAC0
OUT0
1
MAX520
ADDRESS
COMPARATOR
START/STOP
DETECTOR
DECODE
OUTPUT
LATCH 1
DAC1
OUT1
4
8
INPUT
LATCH 2
OUTPUT
LATCH 2
DAC2
OUT2
OUT3
INPUT
LATCH 3
OUTPUT
LATCH 3
DAC3
REF3
REF2
AD2
AD1
AD0
1
INPUT
LATCH 1
1
1
_______________Functional Diagrams
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
19-0378; Rev 3; 9/96
PART
†
MAX520ACPE
MAX520BCPE
MAX520ACWE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Plastic DIP
16 Wide SO
TUE
(LSB)
1
1
1
Pin Configurations continued at end of data sheet.
Functional Diagrams continued at end of data sheet.
MAX520BCWE
0°C to +70°C
16 Wide SO
1
Ordering Information continued at end of data sheet.
†MAX520 “A” grade parts include a 1%-accurate, factory-trimmed
output resistance.


Similar Part No. - MAX521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5214 MAXIM-MAX5214 Datasheet
3Mb / 16P
14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
MAX5214GUA MAXIM-MAX5214GUA Datasheet
3Mb / 16P
14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5215GUA MAXIM-MAX5215GUA Datasheet
7Mb / 27P
14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
MAX5216 Evaluation Kit
Rev 0; 6/11
More results

Similar Description - MAX521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
logo
Linear Technology
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com