Electronic Components Datasheet Search
  English  ▼

X  

S1702 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S1702
Description  SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1702 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S1702 Datasheet HTML 1Page - Seiko Instruments Inc S1702 Datasheet HTML 2Page - Seiko Instruments Inc S1702 Datasheet HTML 3Page - Seiko Instruments Inc S1702 Datasheet HTML 4Page - Seiko Instruments Inc S1702 Datasheet HTML 5Page - Seiko Instruments Inc S1702 Datasheet HTML 6Page - Seiko Instruments Inc S1702 Datasheet HTML 7Page - Seiko Instruments Inc S1702 Datasheet HTML 8Page - Seiko Instruments Inc S1702 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
S-1702 Series
Rev.2.1_00
Seiko Instruments Inc.
2
Block Diagrams
1. S-1702 Series A type to H type
Discharge Shunt Function
by ON / OFF and RESX
Pins
Product
Type
Detector
Monitor
Voltage
Control by
ON / OFF Pin
Control by
RESX Pin
A
VOUT
B
VOUT
×
C
VOUT
×
D
VOUT
×
×
E
VIN
F
VIN
×
G
VIN
×
H
VIN
×
×
Overcurrent
protector
ON/OFF circuit
Reference
voltage circuit
Reference
voltage
circuit
ON / OFF
VIN
RESX
VOUT
VSS
VDOUT
Reset circuit
Delay
circuit
Voltage
detector
Output
circuit
Logic
circuit
Figure 1
2. S-1702 Series J type and K type (external input detection type)
Product
Type
Detector
Monitor
Voltage
Discharge Shunt Function
by ON / OFF Pin
J
External
input
K
External
input
×
Overcurrent
protector
ON/OFF circuit
Reference
voltage
circuit
ON / OFF
VIN
SENSE
VOUT
VSS
VDOUT
Delay
circuit
Voltage
detector
Reset circuit
Logic
circuit
Reference
voltage circuit
Output
circuit
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com