Electronic Components Datasheet Search
  English  ▼

X  

S1702 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S1702
Description  SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1702 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S1702 Datasheet HTML 6Page - Seiko Instruments Inc S1702 Datasheet HTML 7Page - Seiko Instruments Inc S1702 Datasheet HTML 8Page - Seiko Instruments Inc S1702 Datasheet HTML 9Page - Seiko Instruments Inc S1702 Datasheet HTML 10Page - Seiko Instruments Inc S1702 Datasheet HTML 11Page - Seiko Instruments Inc S1702 Datasheet HTML 12Page - Seiko Instruments Inc S1702 Datasheet HTML 13Page - Seiko Instruments Inc S1702 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
S-1702 Series
Rev.2.1_00
Seiko Instruments Inc.
10
Table 7 (2 / 2)
Detector block
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection voltage
*6
−VDET
–
−VDET(S)
×0.99
−VDET(S)
−VDET(S)
×1.01
V
6
S-1702xAx, S-1702xBx, S-1702xCx
−VDET
×0.035
−VDET
×0.05
−VDET
×0.065
V
6
S-1702xDx, S-1702xEx, S-1702xFx
−VDET
×0.01
−VDET
×0.025
−VDET
×0.04
V
6
Hysteresis width
VHYS
S-1702xGx, S-1702xHx, S-1702xJx
–
0
−VDET
×0.015
V
6
VIN = −VDET(S) + 1.5 V
–
2.4
4.0
μA
2
1.3 V
≤ −VDET(S) < 2.3 V
VIN = 5.5 V
–
2.6
4.5
μA
2
VIN = −VDET(S) + 1.5 V
–
2.2
3.5
μA
2
Current consumption
during operation
*1
ISS2
2.3 V
≤ −VDET(S) < 5.2 V
VIN = 5.5 V
–
2.3
4.0
μA
2
Input voltage
VIN
–
0.8
–
6.5
V
–
Detection voltage
temperature
coefficient
*7
ΔTa • −VDET
Δ−VDET
Ta =
−40°C to +85°C*9
–
±100
±400
ppm/
°C
6
*1.
Excluding current flowing in pull-up and pull-down resistors connected to the ON / OFF or RESX pins
*2.
VOUT(S): Set output voltage
VOUT(E): Actual output voltage at the fixed load
The output voltage when fixing IOUT (= 30 mA) and inputting VOUT(S) + 1.0 V
*3.
The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*4.
Vdrop = VIN1 − (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN = VOUT(S) + 1.0 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*5.
The change in temperature [mV/°C] of the regulator output voltage is calculated using the following equation.
ΔTa • VOUT
ΔVOUT
[mV/°C]
*1 = VOUT(S) [V]*2 ×
ΔVOUT
[ppm/°C]
*3 ÷ 1000
ΔTa
*1. The change in temperature of the output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient
*6.
−VDET(S) : Set detection voltage
−VDET : Actual detection voltage
*7.
The change in temperature [mV/°C] of the detector detection voltage is calculated using the following equation.
ΔTa • −VDET
Δ−VDET
[mV/°C]
*1 = −VDET(S) (Typ.) [V]*2 ×
Δ−VDET
[ppm/°C]
*3 ÷ 1000
ΔTa
*1. The change in temperature of the detection voltage
*2. Set detection voltage
*3. Detection voltage temperature coefficient
*8.
The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large. This specification is guaranteed by design.
*9.
Since products are not screened at high and low temperatures, the specification for this temperature range is
guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com