Electronic Components Datasheet Search
  English  ▼

X  

S1702 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1702
Description  SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1702 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1702 Datasheet HTML 1Page - Seiko Instruments Inc S1702 Datasheet HTML 2Page - Seiko Instruments Inc S1702 Datasheet HTML 3Page - Seiko Instruments Inc S1702 Datasheet HTML 4Page - Seiko Instruments Inc S1702 Datasheet HTML 5Page - Seiko Instruments Inc S1702 Datasheet HTML 6Page - Seiko Instruments Inc S1702 Datasheet HTML 7Page - Seiko Instruments Inc S1702 Datasheet HTML 8Page - Seiko Instruments Inc S1702 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
S-1702 Series
www.sii-ic.com
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESET INPUT FUNCTION
© Seiko Instruments Inc., 2008-2012
Rev.2.1_00
Seiko Instruments Inc.
1
The S-1702 Series, developed based on CMOS technology, is a 150 mA output positive voltage regulator with a low
dropout voltage, a high-accuracy output voltage, and low current consumption.
The S-1702 Series includes a voltage regulator with high-accuracy output voltage of
±1.0% allowing to use a ceramic
capacitor of 1.0
μF or more, and a voltage detector that monitors the output/input voltage of the regulator. It also includes
an overcurrent protector that prevents the output current from exceeding the current capacitance of the output transistor
and an output forcible discharge circuit for the regulator operation off.
Small SNT-6A package is available for the S-1702 Series. And an external small capacitor can be used, enabling
high-density mounting. Its super-low current consumption makes the S-1702 Series ideal for mobile devices.
Features
Regulator block
• Output voltage:
1.5 V to 5.5 V, selectable in 0.05 V step
• High-accuracy output voltage:
±1.0%
• Super-low current consumption:
Current consumption of regulator block: 9
μA typ., 16 μA max.
• High peak current capability:
150 mA output (VIN ≥ VOUT(S) + 1.0 V)
*1
• Built-in on/off discharge circuit:
Longer battery life, discharges output load instantaneously
• High ripple rejection:
70 dB typ. (1.0 kHz)
• Built-in overcurrent protector:
Limits overcurrent of output transistor
Detector block
• Output voltage:
1.3 V to 5.2 V, selectable in 0.05 V step
• Built-in high-accuracy voltage detector: ±1.0%
Monitoring output/input or monitoring external input by option
(detector output)
• External reset input:
Forcible assertion of detector output by external reset pin (RESX) input
Overall
• Correlation temperature gradient in the regulator and the detector blocks
• Super-low current consumption:
During operation
*2: 10 μA typ., 18 μA max.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free, Sn 100%, halogen-free*3
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Excluding current flowing in pull-up and pull-down resistors connected to the ON / OFF or RESX pins
*3. Refer to “ Product Name Structure” for details.
Applications
• Wireless power supply circuit block for cellular phone
• Power supply circuit block for health care product
• Power supply circuit block for various mobile devices
Package
• SNT-6A


Similar Part No. - S1702

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
S17020G FARADAY-S17020G Datasheet
77Kb / 2P
GENERAL PURPOSE LP FILTER
S17025G FARADAY-S17025G Datasheet
77Kb / 2P
GENERAL PURPOSE LP FILTER
More results

Similar Description - S1702

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
11-Apr-2008
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
12-Feb-2009
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
150 mA low quiescent current low noise voltage regulator
20-Dec-2011
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1317 SII-S1317 Datasheet
2Mb / 31P
5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1317 ABLIC-S-1317 Datasheet
1Mb / 31P
5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
S-1318 ABLIC-S-1318 Datasheet
856Kb / 42P
5.5 V INPUT, 100 mA, 95 nA SUPER LOW CURRENT CONSUMPTION VOLTAGE REGULATOR
Rev.1.1_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com