Electronic Components Datasheet Search
  English  ▼

X  

S1702 Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # S1702
Description  SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1702 Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button S1702 Datasheet HTML 33Page - Seiko Instruments Inc S1702 Datasheet HTML 34Page - Seiko Instruments Inc S1702 Datasheet HTML 35Page - Seiko Instruments Inc S1702 Datasheet HTML 36Page - Seiko Instruments Inc S1702 Datasheet HTML 37Page - Seiko Instruments Inc S1702 Datasheet HTML 38Page - Seiko Instruments Inc S1702 Datasheet HTML 39Page - Seiko Instruments Inc S1702 Datasheet HTML 40Page - Seiko Instruments Inc S1702 Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
Rev.2.1_00
S-1702 Series
Seiko Instruments Inc.
37
3. Detector block
3. 1 Detection voltage vs. Ambient temperature
−VDET = 1.3 V
−VDET = 2.75 V
−40
0
25
50
75
1.50
1.30
1.20
1.10
Ta [
°C]
1.40
−25
85
1.45
1.35
1.25
1.15
−VDET
+VDET
−40
0
25
50
75
3.0
2.7
2.6
2.4
Ta [
°C]
2.9
−25
85
2.8
2.5
−VDET
+VDET
−VDET = 5.2 V
−40
0
25
50
75
5.5
5.0
Ta [
°C]
−25
85
5.4
5.3
5.2
5.1
−VDET
+VDET
3. 2 Hysteresis width vs. Ambient temperature
−VDET = 1.3 V
−VDET = 2.75 V
−40
0
25
50
75
6
3
2
0
Ta [
°C]
5
−25
85
4
1
S-1702xAx, xBx, xCx
S-1702xDx, xEx, xFx
S-1702xGx, xHx, xJx
−40
0
25
50
75
6
3
2
0
Ta [
°C]
5
−25
85
4
1
S-1702xAx, xBx, xCx
S-1702xDx, xEx, xFx
S-1702xGx, xHx, xJx
−VDET = 5.2 V
−40
0
25
50
75
6
3
2
0
Ta [
°C]
5
−25
85
4
1
S-1702xAx, xBx, xCx
S-1702xDx, xEx, xFx
S-1702xGx, xHx, xJx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com