Electronic Components Datasheet Search
  English  ▼

X  

S1702 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S1702
Description  SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1702 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S1702 Datasheet HTML 28Page - Seiko Instruments Inc S1702 Datasheet HTML 29Page - Seiko Instruments Inc S1702 Datasheet HTML 30Page - Seiko Instruments Inc S1702 Datasheet HTML 31Page - Seiko Instruments Inc S1702 Datasheet HTML 32Page - Seiko Instruments Inc S1702 Datasheet HTML 33Page - Seiko Instruments Inc S1702 Datasheet HTML 34Page - Seiko Instruments Inc S1702 Datasheet HTML 35Page - Seiko Instruments Inc S1702 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
S-1702 Series
Rev.2.1_00
Seiko Instruments Inc.
32
Precautions
• Wiring patterns for the VIN, VOUT and GND pins should be designed so that the impedance is low. When
mounting an output capacitor between the VOUT and VSS pins (CL) and a capacitor for stabilizing the input
between the VIN and VSS pins (CIN), the distance from the capacitors to these pins should be as short as
possible.
• Note that the output voltage may increase when a series regulator is used at low load current (1.0 mA or less).
• Generally a series regulator may cause oscillation depending on the selection of external parts. The following
conditions are recommended for this IC. However, be sure to perform sufficient evaluation under the actual usage
conditions for selection, including evaluation of temperature characteristics.
Input capacitor (CIN):
1.0
μF or more
Output capacitor (CL):
1.0
μF or more
Equivalent series resistance (ESR):
10
Ω or less
• The voltage regulator may oscillate when the impedance of the power supply is high and the input capacitor is
small or an input capacitor is not connected.
• The application conditions for the input voltage, output voltage, and load current should not exceed the package
power dissipation.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• In determining the output current, attention should be paid to the output current value specified in Table 7 of “
Electrical Characteristics”
and footnote *8 of the table.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement by products
including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com