Electronic Components Datasheet Search
  English  ▼

X  

S1702 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S1702
Description  SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1702 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S1702 Datasheet HTML 5Page - Seiko Instruments Inc S1702 Datasheet HTML 6Page - Seiko Instruments Inc S1702 Datasheet HTML 7Page - Seiko Instruments Inc S1702 Datasheet HTML 8Page - Seiko Instruments Inc S1702 Datasheet HTML 9Page - Seiko Instruments Inc S1702 Datasheet HTML 10Page - Seiko Instruments Inc S1702 Datasheet HTML 11Page - Seiko Instruments Inc S1702 Datasheet HTML 12Page - Seiko Instruments Inc S1702 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
Rev.2.1_00
S-1702 Series
Seiko Instruments Inc.
9
Electrical Characteristics
1. Common to series (S-1702Axx to Hxx, Jxx to Nxx, Pxx)
Table 7 (1 / 2)
Entire circuit
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Current
consumption
during operation
*1
ISS
VIN = VOUT(S) + 1.0 V
–
10
18
μA
2
Regulator block
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*2
VOUT(E)
VIN = VOUT(S) + 1.0 V, IOUT = 30 mA
VOUT(S)
×0.99
VOUT(S)
VOUT(S)
×1.01
V
1
Output current
*3
IOUT
VIN > VOUT(S) + 1.0 V
150
*8
–
–
mA
3
1.5 V < VOUT(S) ≤ 2.0 V
–
0.54
0.58
V
1
2.0 V < VOUT(S) ≤ 2.5 V
–
0.23
0.35
V
1
2.5 V < VOUT(S) ≤ 3.0 V
–
0.2
0.3
V
1
3.0 V < VOUT(S) ≤ 3.3 V
–
0.15
0.23
V
1
Dropout voltage
*4
Vdrop
IOUT = 100 mA
3.3 V < VOUT(S) ≤ 5.5 V
–
0.14
0.21
V
1
Line regulation
ΔVIN • VOUT
ΔVOUT1
VOUT(S) + 0.5 V < VIN < 6.5 V,
IOUT = 30 mA
–
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = VOUT(S) + 1.0 V,
10
μA < IOUT < 100 mA
–
20
40
mV
1
Output voltage
temperature
coefficient
*5
ΔTa • VOUT
ΔVOUT
VIN = VOUT(S) + 1.0 V,
IOUT = 30 mA,
−40°C ≤ Ta ≤ +85°C*9
–
±100
±300
ppm/
°C
1
Current
consumption
during operation
*1
ISS1
VIN = VOUT(S) + 1.0 V,
RESX and ON / OFF pins enabled for
operation, no load
–
9
16
μA
2
Input voltage
VIN
–
2
–
6.5
V
–
ON / OFF pin
input voltage “H”
VSH1
VIN = VOUT(S) + 1.0 V, RL = 1.0 kΩ
1.2
–
–
V
4
ON / OFF pin
input voltage “L”
VSL1
VIN = VOUT(S) + 1.0 V, RL = 1.0 kΩ
–
–
0.3
V
4
S-1702xxA
−0.1
–
0.1
μA
4
S-1702xxD
−0.1
–
0.1
μA
4
ON / OFF pin
input current “H”
ISH1
VIN = 6.5 V, VON / OFF = 6.5 V
S-1702xxG
−0.1
–
0.1
μA
4
S-1702xxA
−0.1
–
0.1
μA
4
S-1702xxD
−0.1
–
0.1
μA
4
ON / OFF pin
input current “L”
ISL1
VIN = 6.5 V, VON / OFF = 0 V
S-1702xxG
−0.1
–
0.1
μA
4
1.5 V
≤ VOUT(S) < 3.1 V
–
70
–
dB
5
Ripple rejection
RR
VIN = VOUT(S) + 1.0 V,
f = 1.0 kHz,
ΔVrip = 0.5 Vrms,
IOUT = 30 mA
3.1 V
≤ VOUT(S) ≤ 5.5 V
–
65
–
dB
5
Short-circuit
current
ISHORT
VIN = VOUT(S) + 1.0 V,
ON / OFF pin enabled for operation,
VOUT = 0 V
–
300
–
mA
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com