Electronic Components Datasheet Search
  English  ▼

X  

S1135 Datasheet(PDF) 26 Page - Seiko Instruments Inc

Part # S1135
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1135 Datasheet(HTML) 26 Page - Seiko Instruments Inc

Back Button S1135 Datasheet HTML 22Page - Seiko Instruments Inc S1135 Datasheet HTML 23Page - Seiko Instruments Inc S1135 Datasheet HTML 24Page - Seiko Instruments Inc S1135 Datasheet HTML 25Page - Seiko Instruments Inc S1135 Datasheet HTML 26Page - Seiko Instruments Inc S1135 Datasheet HTML 27Page - Seiko Instruments Inc S1135 Datasheet HTML 28Page - Seiko Instruments Inc S1135 Datasheet HTML 29Page - Seiko Instruments Inc S1135 Datasheet HTML 30Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 Series
Rev.2.2_00
Seiko Instruments Inc.
26
3. Dropout Voltage vs. Output Current
VOUT = 1.0 V
VOUT = 2.5 V
0
100
200
0.30
0.25
0.20
0.15
0.10
0.05
0
IOUT [mA]
150
50
0.35
0.40
250
300
−40°C
25
°C
Ta = 85
°C
0
100
200
0.18
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
IOUT [mA]
150
50
0.16
0.20
250
300
25
°C
−40°C
Ta = 85
°C
VOUT = 3.5 V
0
100
200
0.18
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
IOUT [mA]
150
50
0.16
0.20
250
300
25
°C
−40°C
Ta = 85
°C
4. Dropout Voltage vs. Set Output Voltage
1.0
2.0
2.5
0.40
0.35
0.25
0.20
0.15
0.10
0.05
VOUT(S) [V]
1.5
3.0
3.5
0
100 mA
50 mA
30 mA
1 mA
0.30
IOUT = 300 mA
10 mA
150 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com