Electronic Components Datasheet Search
  English  ▼

X  

S1135 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S1135
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1135 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S1135 Datasheet HTML 5Page - Seiko Instruments Inc S1135 Datasheet HTML 6Page - Seiko Instruments Inc S1135 Datasheet HTML 7Page - Seiko Instruments Inc S1135 Datasheet HTML 8Page - Seiko Instruments Inc S1135 Datasheet HTML 9Page - Seiko Instruments Inc S1135 Datasheet HTML 10Page - Seiko Instruments Inc S1135 Datasheet HTML 11Page - Seiko Instruments Inc S1135 Datasheet HTML 12Page - Seiko Instruments Inc S1135 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_00
S-1135 Series
Seiko Instruments Inc.
9
4. 2 S-1135 Series B type
ON / OFF logic:
Active “H”
Pull-up resistor:
None
Discharge shunt function:
Available
Pull-down resistor:
None
Table 3
Output Voltage
SOT-89-5
SOT-23-5
HSNT-6A
1.0 V
±15 mV
S-1135B10-U5T1x
S-1135B10-M5T1y
S-1135B10-A6T1U
1.1 V
±15 mV
S-1135B11-U5T1x
S-1135B11-M5T1y
S-1135B11-A6T1U
1.2 V
±15 mV
S-1135B12-U5T1x
S-1135B12-M5T1y
S-1135B12-A6T1U
1.3 V
±15 mV
S-1135B13-U5T1x
S-1135B13-M5T1y
S-1135B13-A6T1U
1.4 V
±15 mV
S-1135B14-U5T1x
S-1135B14-M5T1y
S-1135B14-A6T1U
1.5 V
±1.0%
S-1135B15-U5T1x
S-1135B15-M5T1y
S-1135B15-A6T1U
1.6 V
±1.0%
S-1135B16-U5T1x
S-1135B16-M5T1y
S-1135B16-A6T1U
1.7 V
±1.0%
S-1135B17-U5T1x
S-1135B17-M5T1y
S-1135B17-A6T1U
1.8 V
±1.0%
S-1135B18-U5T1x
S-1135B18-M5T1y
S-1135B18-A6T1U
1.85 V
±1.0%
S-1135B1J-U5T1x
S-1135B1J-M5T1y
S-1135B1J-A6T1U
1.9 V
±1.0%
S-1135B19-U5T1x
S-1135B19-M5T1y
S-1135B19-A6T1U
2.0 V
±1.0%
S-1135B20-U5T1x
S-1135B20-M5T1y
S-1135B20-A6T1U
2.1 V
±1.0%
S-1135B21-U5T1x
S-1135B21-M5T1y
S-1135B21-A6T1U
2.2 V
±1.0%
S-1135B22-U5T1x
S-1135B22-M5T1y
S-1135B22-A6T1U
2.3 V
±1.0%
S-1135B23-U5T1x
S-1135B23-M5T1y
S-1135B23-A6T1U
2.4 V
±1.0%
S-1135B24-U5T1x
S-1135B24-M5T1y
S-1135B24-A6T1U
2.5 V
±1.0%
S-1135B25-U5T1x
S-1135B25-M5T1y
S-1135B25-A6T1U
2.6 V
±1.0%
S-1135B26-U5T1x
S-1135B26-M5T1y
S-1135B26-A6T1U
2.7 V
±1.0%
S-1135B27-U5T1x
S-1135B27-M5T1y
S-1135B27-A6T1U
2.8 V
±1.0%
S-1135B28-U5T1x
S-1135B28-M5T1y
S-1135B28-A6T1U
2.85 V
±1.0%
S-1135B2J-U5T1x
S-1135B2J-M5T1y
S-1135B2J-A6T1U
2.9 V
±1.0%
S-1135B29-U5T1x
S-1135B29-M5T1y
S-1135B29-A6T1U
3.0 V
±1.0%
S-1135B30-U5T1x
S-1135B30-M5T1y
S-1135B30-A6T1U
3.1 V
±1.0%
S-1135B31-U5T1x
S-1135B31-M5T1y
S-1135B31-A6T1U
3.2 V
±1.0%
S-1135B32-U5T1x
S-1135B32-M5T1y
S-1135B32-A6T1U
3.3 V
±1.0%
S-1135B33-U5T1x
S-1135B33-M5T1y
S-1135B33-A6T1U
3.4 V
±1.0%
S-1135B34-U5T1x
S-1135B34-M5T1y
S-1135B34-A6T1U
3.5 V
±1.0%
S-1135B35-U5T1x
S-1135B35-M5T1y
S-1135B35-A6T1U
Remark 1. Please contact our sales office for products with specifications other than the above.
2. x: G or U
y: S or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com