Electronic Components Datasheet Search
  English  ▼

X  

S1135 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S1135
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1135 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S1135 Datasheet HTML 9Page - Seiko Instruments Inc S1135 Datasheet HTML 10Page - Seiko Instruments Inc S1135 Datasheet HTML 11Page - Seiko Instruments Inc S1135 Datasheet HTML 12Page - Seiko Instruments Inc S1135 Datasheet HTML 13Page - Seiko Instruments Inc S1135 Datasheet HTML 14Page - Seiko Instruments Inc S1135 Datasheet HTML 15Page - Seiko Instruments Inc S1135 Datasheet HTML 16Page - Seiko Instruments Inc S1135 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_00
S-1135 Series
Seiko Instruments Inc.
13
Absolute Maximum Ratings
Table 9
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Input voltage
VIN
VSS
− 0.3 to VSS + 6.0
V
VON / OFF
VSS
− 0.3 to VIN + 0.3
V
Output voltage
VOUT
VSS
− 0.3 to VIN + 0.3
V
Power dissipation
SOT-89-5
PD
1000
*1
mW
SOT-23-5
600
*1
mW
HSNT-6A
1000
*2
mW
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Name :
JEDEC STANDARD51-7
*2. When mounted on board
[Mounted board]
(1) Board size :
50 mm
× 50 mm × t1.6 mm
(2) Wiring ratio :
50%
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
0
Ambient Temperature (Ta) [
°C]
400
200
600
1000
800
1200
SOT-89-5
HSNT-6A
SOT-23-5
Figure 12 Power Dissipation of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com