Electronic Components Datasheet Search
  English  ▼

X  

S1135 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S1135
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1135 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S1135 Datasheet HTML 2Page - Seiko Instruments Inc S1135 Datasheet HTML 3Page - Seiko Instruments Inc S1135 Datasheet HTML 4Page - Seiko Instruments Inc S1135 Datasheet HTML 5Page - Seiko Instruments Inc S1135 Datasheet HTML 6Page - Seiko Instruments Inc S1135 Datasheet HTML 7Page - Seiko Instruments Inc S1135 Datasheet HTML 8Page - Seiko Instruments Inc S1135 Datasheet HTML 9Page - Seiko Instruments Inc S1135 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 Series
Rev.2.2_00
Seiko Instruments Inc.
6
Product Name Structure
Users can select the product type, output voltage, and package type for the S-1135 Series. Refer to “1. Product
name” regarding the contents of product name, “2. Function list of product type” regarding the product type, “3.
Packages” regarding the package drawings.
1. Product name
1. 1 SOT-89-5
S-1135 x xx - U5T1 x
Output voltage
*2
10 to 35
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
G:
Lead-free (for details, please contact our sales office)
Product type
*3
A to H
Package abbreviation and IC packing specifications
*1
U5T1: SOT-89-5, Tape
*1.
Refer to the tape drawing.
*2.
If you request the product which has 0.05 V step, contact our sales office.
*3.
Refer to “2. Function list of product type”.
1. 2 SOT-23-5
S-1135 x xx - M5T1 x
Output voltage
*2
10 to 35
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
S:
Lead-free, halogen-free
Product type
*3
A to H
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
*1.
Refer to the tape drawing.
*2.
If you request the product which has 0.05 V step, contact our sales office.
*3.
Refer to “2. Function list of product type”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com