Electronic Components Datasheet Search
  English  ▼

X  

S1135 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1135
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1135 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1135 Datasheet HTML 1Page - Seiko Instruments Inc S1135 Datasheet HTML 2Page - Seiko Instruments Inc S1135 Datasheet HTML 3Page - Seiko Instruments Inc S1135 Datasheet HTML 4Page - Seiko Instruments Inc S1135 Datasheet HTML 5Page - Seiko Instruments Inc S1135 Datasheet HTML 6Page - Seiko Instruments Inc S1135 Datasheet HTML 7Page - Seiko Instruments Inc S1135 Datasheet HTML 8Page - Seiko Instruments Inc S1135 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
S-1135 Series
www.sii-ic.com
HIGH RIPPLE-REJECTION LOW DROPOUT
MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 2008-2015
Rev.2.2_00
Seiko Instruments Inc.
1
The S-1135 Series, developed using the CMOS technology, is a positive voltage regulator IC which has the low dropout
voltage, the high-accuracy output voltage and the low current consumption (300 mA output current).
A 1.0
μF small ceramic capacitor can be used. It operates with low current consumption of 45 μA typ.
The overcurrent protection circuit prevents the load current from exceeding the current capacity of the output transistor. The
ON / OFF circuit ensures longer battery life.
Various capacitors, also small ceramic capacitors, can be used for this IC more than for the conventional regulator ICs which
have CMOS technology.
Furthermore, a small SOT-89-5, SOT-23-5, and HSNT-6A packages realize high-density mounting.
Features
• Output voltage:
1.0 V to 3.5 V, selectable in 0.05 V step
• Input voltage:
1.5 V to 5.5 V
• Output voltage accuracy:
±1.0% (1.0 V to 1.45 V output product : ±15 mV)
• Dropout voltage:
160 mV typ. (2.6 V output product, IOUT
= 300 mA)
• Current consumption:
During operation:
45
μA typ., 65 μA max.
During power-off:
0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 300 mA (VIN
≥ VOUT(S) + 1.0 V)
*1
• Input and output capacitors :
A ceramic capacitor of 1.0
μF or more can be used.
• Ripple rejection:
70 dB typ. (1.0 V output product, f = 1.0 kHz)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Discharge shunt function is selectable.
• Pull-up or pull-down resistor is selectable.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free, Sn 100%, halogen-free
*2
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Refer to “ Product Name Structure” for details.
Applications
• Power supply for battery-powered device
• Power supply for cellular phone
• Power supply for portable equipment
Packages
• SOT-89-5
• SOT-23-5
• HSNT-6A


Similar Part No. - S1135

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S113 SSOUSA-S113 Datasheet
330Kb / 8P
Zero-Volt Cross Switching
logo
Solid State Inc
S113 SOLIDSTATE-S113 Datasheet
345Kb / 8P
Zero-Volt Cross Switching
logo
Solid State Optronic
S113-X SSOUSA-S113-X Datasheet
347Kb / 8P
Zero-Volt Cross Switching
logo
Solid State Inc
S113-X SOLIDSTATE-S113-X Datasheet
361Kb / 8P
Zero-Volt Cross Switching
logo
Seiko Instruments Inc
S1131 SII-S1131 Datasheet
852Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
More results

Similar Description - S1135

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1111 SII-S-1111 Datasheet
290Kb / 25P
HIGH RIPPLE-REJECTION LOW DROPOUT
SL2980 SII-SL2980 Datasheet
367Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1172 SII-S1172 Datasheet
554Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1170 SII-S1170 Datasheet
685Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1112 SII-S1112 Datasheet
664Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S13A1 SII-S13A1 Datasheet
1Mb / 75P
HIGH RIPPLE-REJECTION LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com