Electronic Components Datasheet Search
  English  ▼

X  

S1135 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S1135
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1135 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S1135 Datasheet HTML 25Page - Seiko Instruments Inc S1135 Datasheet HTML 26Page - Seiko Instruments Inc S1135 Datasheet HTML 27Page - Seiko Instruments Inc S1135 Datasheet HTML 28Page - Seiko Instruments Inc S1135 Datasheet HTML 29Page - Seiko Instruments Inc S1135 Datasheet HTML 30Page - Seiko Instruments Inc S1135 Datasheet HTML 31Page - Seiko Instruments Inc S1135 Datasheet HTML 32Page - Seiko Instruments Inc S1135 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_00
S-1135 Series
Seiko Instruments Inc.
29
Reference Data
1. Transient Response Characteristics when Input (Ta = 25°C)
VOUT = 1.0 V
IOUT = 100 mA, tr = tf = 5.0
μs, CL = 1.0 μF
VOUT = 2.5 V
IOUT = 100 mA, tr = tf = 5.0
μs, CL = 1.0 μF
1.30
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
t [
μs]
4.0
3.0
2.5
2.0
0
0.5
1.0
1.5
3.5
−50
200
300
0 50 100 150
250
350
−100
VOUT
VIN
2.80
2.75
2.70
2.65
2.60
2.55
2.50
2.45
2.40
t [
μs]
5.0
4.0
3.5
3.0
1.0
1.5
2.0
2.5
4.5
−50
200
300
0 50 100 150
250
350
−100
VOUT
VIN
VOUT = 3.5 V
IOUT = 100 mA, tr = tf = 5.0
μs, CL = 1.0 μF
3.80
3.75
3.70
3.65
3.60
3.55
3.50
3.45
3.40
t [
μs]
6.0
5.0
4.5
4.0
2.0
2.5
3.0
3.5
5.5
−50
200
300
0 50 100 150
250
350
−100
VOUT
VIN
2. Transient Response Characteristics of Load (Ta = 25°C)
VOUT = 1.0 V
VIN = 2.0 V, CL = 1.0
μF, CIN = 1.0 μF, IOUT = 50 mA ↔ 100 mA
VOUT = 2.5 V
VIN = 3.5 V, CL = 1.0
μF, CIN = 1.0 μF, IOUT = 50 mA ↔ 100 mA
1.20
1.15
1.05
1.00
0.95
0.90
t [
μs]
100
150
0
−150
−50
−50
200
300
0 50 100 150
250
350
−100
50
−100
1.10
VOUT
IOUT
2.70
2.65
2.55
2.50
2.45
2.40
t [
μs]
100
150
0
−150
−50
−50
200
300
0 50 100 150
250
350
−100
50
−100
2.60
VOUT
IOUT
VOUT = 3.5 V
VIN = 4.5 V, CL = 1.0
μF, CIN = 1.0 μF, IOUT = 50 mA ↔ 100 mA
3.70
3.65
3.55
3.50
3.45
3.40
t [
μs]
100
150
0
−150
−50
−50
200
300
0 50 100 150
250
350
−100
50
−100
3.60
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com